Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5N8950 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S5N8950
Description  G.dmt ADSL Transceiver for CO and CPE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5N8950 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S5N8950 Datasheet HTML 7Page - Samsung semiconductor S5N8950 Datasheet HTML 8Page - Samsung semiconductor S5N8950 Datasheet HTML 9Page - Samsung semiconductor S5N8950 Datasheet HTML 10Page - Samsung semiconductor S5N8950 Datasheet HTML 11Page - Samsung semiconductor S5N8950 Datasheet HTML 12Page - Samsung semiconductor S5N8950 Datasheet HTML 13Page - Samsung semiconductor S5N8950 Datasheet HTML 14Page - Samsung semiconductor S5N8950 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
S5N8950
G.dmt ADSL Transceiver for CO and CPE
CONFIDENTIAL
Preliminary Information ( Rev 1.2 )
samples are fixed by the sync recovery algorithm using a known synchronization symbol. The TEQ is a
filter that adaptively alters the channel so that the impulse response is reduced to the length of the cyclic
prefix which will be removed prior to FFT. The FEQ is a one tap complex adaptive filter for each sub-
channel, which adjusts the gains and phases of the received signals. The equalizers are adaptively updated
due to the transmission channel environment.
In FDM-based DMT modulation, the frequency band, 0 to 1.104 MHz, is divided into 256 equi-spaced
sub-channels, of which 26 KHz (#6) to 134 KHz (#31) is allocated for the upstream, and 142 KHz (#33)
to 1.100 MHz (#255) for the downstream. The Nyquist rate, therefore, should be 2.208 MHz (276kHz).
DMT inherently transmits an optimized time-variable spectrum. This spectrum is adjusted according to
the desired data rate and the transmission characteristics (transfer function and noise spectrum) on each
and every sub-channel. For this, CO and CPE transmit 128.4 KHz wide tone downstream and upstream
respectively to each other during initialization. They measure the quality of each of these received tones
and then decided whether a tone has sufficient quality to be used for further transmission and, if so, how
much data this tone should carry relative to the other tones that are used. They inform the bit lo9ading
result to each other.


Similar Part No. - S5N8950

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5N8951 SAMSUNG-S5N8951 Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
S5N8952 SAMSUNG-S5N8952 Datasheet
212Kb / 18P
   ADSL Transceiver for NIC
S5N8952X SAMSUNG-S5N8952X Datasheet
212Kb / 18P
   ADSL Transceiver for NIC
More results

Similar Description - S5N8950

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5N8944B SAMSUNG-S5N8944B Datasheet
183Kb / 21P
   G.Lite ADSL Transceiver for CO and CPE
logo
Bothhand USA, LP.
AS2001 BOTHHAND-AS2001 Datasheet
915Kb / 1P
   ADSL POTS Splitter For CPE
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
logo
Bel Fuse Inc.
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
   ADSL CPE Hybrid
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
   ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Samsung semiconductor
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
logo
List of Unclassifed Man...
MF600SWI ETC-MF600SWI Datasheet
119Kb / 11P
   Mirco Filter For ADSL CPE Side
logo
Bothhand USA, LP.
AD-2069 BOTHHAND-AD-2069 Datasheet
252Kb / 1P
   ADSL ISDN SPLITTER FOR CPE SIDE
logo
List of Unclassifed Man...
MF601F ETC-MF601F Datasheet
99Kb / 10P
   Mirco Filter For ADSL CPE Side
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com