Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53313-5065 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 53313-5065
Description  2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, Leadfree50 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53313-5065 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  53313-5065 Datasheet HTML 1Page - Molex Electronics Ltd. 53313-5065 Datasheet HTML 2Page - Molex Electronics Ltd. 53313-5065 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51089-005, PS-51160-006, PS-52478-002,
RPS-51160-005
Sales Drawing
SD-53313-002
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 53313-5065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53313-0665 MOLEX7-53313-0665 Datasheet
135Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, Leadfree,6 Circuits
53313-0865 MOLEX7-53313-0865 Datasheet
135Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, Leadfree8 Circuits
53313-1065 MOLEX7-53313-1065 Datasheet
135Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, Leadfree10 Circuits
53313-1265 MOLEX7-53313-1265 Datasheet
135Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, Leadfree12 Circuits
53313-1465 MOLEX7-53313-1465 Datasheet
135Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, Leadfree14 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com