Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0512335013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0512335013
Description  CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50Circuits, Polarization Type B, Polarization Position C-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0512335013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0512335013 Datasheet HTML 1Page - Molex Electronics Ltd. 0512335013 Datasheet HTML 2Page - Molex Electronics Ltd. 0512335013 Datasheet HTML 3Page - Molex Electronics Ltd. 0512335013 Datasheet HTML 4Page - Molex Electronics Ltd. 0512335013 Datasheet HTML 5Page - Molex Electronics Ltd. 0512335013 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0512335013
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50
Circuits, Polarization Type B, Polarization Position C-6
Documents:
Drawing (PDF)
Product Specification PS-51238-017 (PDF)
Product Specification PS-51238-016 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
I/O Connectors
Series
51233
Application
Panel-Mount, Wire-to-Wire
Component Type
Housing
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
50
Color - Resin
Gray
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Plating Mating
n/a
Material - Resin
Polyester
Number of Rows
10
Orientation
Vertical
PCB Locator
No
Packaging Type
Tray
Panel Mount
Front, Rear
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
0.118 In
Pitch - Term. Interface (mm)
3.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
7A
Shielded
No
Voltage - Maximum
250V AC (RMS)/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51233Series
Mates With
51239-501X plug housing|54332-500X plug
assembly set
Use With
56116, 56117, 56118 and 56119 male
terminal|56377-500* receptacle shell


Similar Part No. - 0512335013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512335011 MOLEX7-0512335011 Datasheet
548Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50Circuits, Polarization Type Standard
0512335012 MOLEX7-0512335012 Datasheet
548Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50Circuits, Polarization Type A, Polarization Position C-5
0512335014 MOLEX7-0512335014 Datasheet
548Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50 Circuits, Polarization Type C, Polarization Position D-6
More results

Similar Description - 0512335013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512385013 MOLEX7-0512385013 Datasheet
550Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Female erminal, Signal, 50Circuits, Polarization Type B, Polarization Position C-6
0512385014 MOLEX7-0512385014 Datasheet
550Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Female Terminal, Signal, 50Circuits, Polarization Type C, Polarization Position D-6
0512335012 MOLEX7-0512335012 Datasheet
548Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50Circuits, Polarization Type A, Polarization Position C-5
0512333013 MOLEX7-0512333013 Datasheet
410Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 30Circuits, Polarization Type B, Polarization Position C-4
0512335011 MOLEX7-0512335011 Datasheet
548Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50Circuits, Polarization Type Standard
0512331213 MOLEX7-0512331213 Datasheet
356Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type B, Polarization Position B-3
0512332013 MOLEX7-0512332013 Datasheet
384Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 20Circuits, Polarization Type B, Polarization Position B-3
0512331214 MOLEX7-0512331214 Datasheet
356Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type C, Polarization Position C-3
0512335014 MOLEX7-0512335014 Datasheet
548Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 50 Circuits, Polarization Type C, Polarization Position D-6
0512383013 MOLEX7-0512383013 Datasheet
402Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Female Terminal, Signal, 30Circuits, Polarization Type B, Polarization Position C-4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com