Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5F518NZ03 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5F518NZ03
Description  1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F518NZ03 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5F518NZ03 Datasheet HTML 1Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 2Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 3Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 4Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 5Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 6Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 7Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 8Page - Samsung semiconductor S5F518NZ03 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
S5F518NZ03
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
4
DC CHARACTERISTICS
CLOCK VOLTAGE CONDITIONS
Table 3. DC Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remar
Output stage drain bias
VDD
14.55
15.0
15.45
V
Reset gate voltage adjustment range
VRGL
0
V
Protection circuit bias voltage
VL
The lowest vertical clock level
Output stage drain current
IDD
5
mA
Table 4. Clock Voltage Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Read-out clock voltage
VVT
14.55
15.0
15.45
V
High level
Vertical transfer clock voltage
VVM1 − VVM4
-0.05
0.0
0.05
V
VVH = (VVH1+VVH2)/2
VVL1 − VVL4
-8.5
-8.0
-7.5
V
VVH = (VVH1+VVH2)/2
Horizontal transfer clock voltage
VΦH
3.0
5.0
5.25
V
High
VHL
-0.05
0.0
0.05
V
Low
Charge reset clock voltage
VΦRG
4.75
5.0
5.25
V
High
VRGLH - VRGLL
0.8
V
Low
Substrate clock voltage
VΦSUB
21.5
22.5
23.5
V
Shutter


Similar Part No. - S5F518NZ03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F325NU02 SAMSUNG-S5F325NU02 Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F325NU02-LAB0 SAMSUNG-S5F325NU02-LAB0 Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F329PW02-DAB0 SAMSUNG-S5F329PW02-DAB0 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F333SZ03 SAMSUNG-S5F333SZ03 Datasheet
249Kb / 19P
   1/3 INCH CCD IMAGE SENSOR FOR VGA COMPATIBILITY
More results

Similar Description - S5F518NZ03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com