Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5C7221X Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S5C7221X
Description  TIMING & SYNC. GENERATOR FOR B/W CCD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5C7221X Datasheet(HTML) 2 Page - Samsung semiconductor

  S5C7221X Datasheet HTML 1Page - Samsung semiconductor S5C7221X Datasheet HTML 2Page - Samsung semiconductor S5C7221X Datasheet HTML 3Page - Samsung semiconductor S5C7221X Datasheet HTML 4Page - Samsung semiconductor S5C7221X Datasheet HTML 5Page - Samsung semiconductor S5C7221X Datasheet HTML 6Page - Samsung semiconductor S5C7221X Datasheet HTML 7Page - Samsung semiconductor S5C7221X Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S5C7221X01
TIMING & SYNC. GENERATOR FOR B/W CCD
2
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS ( Ta = 25
°C )
Pin
Symbol
I/O
Description
Remark
1
GND
-
Ground control
2
Xsub
I
Output Control (Vsub)
3
XV2
I
Output Control (
ΦV2)
4
XV1
I
Output Control (
ΦV1)
5
XSG1
I
Output Control (
ΦV1)
6
XV3
I
Output Control (
Φ V3)
7
XSG3
I
Output Control (
Φ V3)
8
XV4
I
Output Control (
Φ V4)
9
VCP
I
Power of amp
10
DCIN
I
OP-Amp input (internal pull-down resistor)
11
DCOUT
O
OP-Amp output
12
VHH
-
Power (15V)
13
Φ V4
O
High Voltage Output (2 level :VME, VEE)
14
Φ V3
O
High Voltage Output ( 3 level : VME, VEE, VHH)
15
VME
-
Power (0V)
16
Φ V1
O
High Voltage Output (3 level : VME, VEE, VHH)
17
Φ V2
O
High Voltage Output (2 level : VME, VEE)
18
VEE
-
Power (-8.5V)
19
Vsub
O
High Voltage Output ( 2 level : VEE, VHH)
20
VHH
-
Power (15V)
Characteristics
Symbol
Value
Unit
VEE
0
− -10
V
Supply Voltage
VHH
-0.3
− VEE +35
VME
VEE -0.3
− 3.0
Input Voltage
VI
-0.3
− VHH +0.3
VCP
-0.3
− VEE+35
Output Voltage
Φ V1, Φ V2, Φ V3, Φ V4, Φ Vsub
VEE -0.3
− VHH +0.3
OP-Amp output Current
IOUT
±5
mA
Operating Temperature
T OPR
-25
− +85
°C
Storage Temperature
T STG
-45
− +120


Similar Part No. - S5C7221X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7212X SAMSUNG-S5C7212X Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X SAMSUNG-S5C7212X Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
More results

Similar Description - S5C7221X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com