Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5C7212X Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S5C7212X
Description  TIMING & SYNC. GENERATOR FOR B/W CCD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5C7212X Datasheet(HTML) 2 Page - Samsung semiconductor

  S5C7212X Datasheet HTML 1Page - Samsung semiconductor S5C7212X Datasheet HTML 2Page - Samsung semiconductor S5C7212X Datasheet HTML 3Page - Samsung semiconductor S5C7212X Datasheet HTML 4Page - Samsung semiconductor S5C7212X Datasheet HTML 5Page - Samsung semiconductor S5C7212X Datasheet HTML 6Page - Samsung semiconductor S5C7212X Datasheet HTML 7Page - Samsung semiconductor S5C7212X Datasheet HTML 8Page - Samsung semiconductor S5C7212X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
S5C7212X01
TIMING & SYNC. GENERATOR FOR B/W CCD
2
PIN DESCRIPTION
No
Symbol
I/O
Description
Remark
1
MD2
I
CCIR/EIA mode selection
* Information (1)
2
MD1
I
NORMAL/MIRROR mode selection
* Information (1)
3
EE1
I
EE mode control input 1
* Information (2)
4
EE2
I
EE mode control input 2
* Information (2)
5
VSS1
-
Ground
6
VDD1
-
+5V
7
FLD
O
Field separation pulse
8
PBLK
O
Pre - blanking pulse
9
CSYNC
O
Composite Sync.pulse
10
CBLK
O
Composite Blanking pulse
11
VD
O
Vertical driving pulse
12
HD
O
Horizontal driving pulse
13
WIN
O
Window pulse
14
CLEN
O
1/2 HD frequency pulse
15
DFDO
O
1/2 VD frequency pulse
16
CLP3
O
Clamp pulse 3 (Dummy black level)
17
CLP2
O
Clamp pulse 2 (Optical black level)
18
CLP1
O
Clamp pulse 1 (Optical black level)
19
VSS2
-
Ground
20
VDD2
-
+5V
21
SHD
O
Data Sample & Hold pulse
22
SHP
O
Pre - Charge Sample & Hold pulse
23
VSS3
-
Ground
24
XV4
O
Vertical transfer clock 4
25
XSG3
O
Read out Pulse 3
26
V3
O
Vertical transfer clock 3
27
XSG1
O
Read out Pulse 1
28
XV1
O
Vertical transfer clock 1
29
XV2
O
Vertical transfer clock 2
30
XSUB
O
Shutter speed control for auto iris
31
VDD3
-
+5V
32
VSS4
-
Ground


Similar Part No. - S5C7212X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7212X SAMSUNG-S5C7212X Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
More results

Similar Description - S5C7212X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com