Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52484-0510 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52484-0510
Description  2.0 W/B CONN. IDT REC. HSG ASSY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52484-0510 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52484-0510 Datasheet HTML 1Page - Molex Electronics Ltd. 52484-0510 Datasheet HTML 2Page - Molex Electronics Ltd. 52484-0510 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0524840510
Status:
Active
Description:
2.0 W/B CONN. IDT REC. HSG ASSY
Documents:
3D Model
Product Specification PS-51090-007 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
52484
Crimp Quality Equipment
Yes
Product Name
Mi II™
Physical
Circuits (Loaded)
5
Color - Resin
Natural
Durability (mating cycles max)
30
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
0.85-1.05mm (.033-.041")
Wire Size AWG
26, 28
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51090-007, RPS-54111-005
Sales Drawing
SD-52484-008
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52484Series
Mates With
51206 , 53313 , 55460 , 53358 , 53324 ,
53325
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
Hand Crimper
0573255000
Die Set For
57222-7000
0572257000
IDT Bench-Top
Terminator (Small
Type) for Mi II™
0572257100
Fully-Automated IDT
Machine (XELOM-
PLUS)
0578008000


Similar Part No. - 52484-0510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52484-0210 MOLEX7-52484-0210 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
52484-0310 MOLEX7-52484-0310 Datasheet
126Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
52484-0410 MOLEX7-52484-0410 Datasheet
126Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
52484-0610 MOLEX7-52484-0610 Datasheet
130Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
52484-0710 MOLEX7-52484-0710 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
More results

Similar Description - 52484-0510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52484-0810 MOLEX8-52484-0810 Datasheet
52Kb / 2P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841210 MOLEX7-0524841210 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841310 MOLEX7-0524841310 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840610 MOLEX7-0524840610 Datasheet
130Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841410 MOLEX7-0524841410 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840810 MOLEX7-0524840810 Datasheet
130Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841510 MOLEX7-0524841510 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841110 MOLEX7-0524841110 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840210 MOLEX7-0524840210 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840710 MOLEX7-0524840710 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com