Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51021-0300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51021-0300
Description  1.25mm (.049") Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 3Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51021-0300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51021-0300 Datasheet HTML 1Page - Molex Electronics Ltd. 51021-0300 Datasheet HTML 2Page - Molex Electronics Ltd. 51021-0300 Datasheet HTML 3Page - Molex Electronics Ltd. 51021-0300 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510210300
Status:
Active
Overview:
picoblade
Description:
1.25mm (.049") Pitch PicoBlade™ Wire-to-Wire and Wire-to-Board Housing, Female, 3
Circuits
Documents:
3D Model
Product Specification PS-51021-022 (PDF)
Drawing (PDF)
Product Specification PS-51021-023 (PDF)
Product Specification PS-51021-001 (PDF)
Product Specification PS-51021-025 (PDF)
Product Specification PS-51021-002 (PDF)
Product Specification PS-51021-026 (PDF)
Product Specification PS-51021-009 (PDF)
Product Specification PS-51021-027 (PDF)
Product Specification PS-51021-010 (PDF)
Product Specification PS-51021-028 (PDF)
Product Specification PS-51021-011 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51021
MolexKits
Yes
Overview
picoblade
Product Name
PicoBlade™
Physical
Circuits (maximum)
3
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51021
Product Specification
PS-51021-001, PS-51021-002, PS-51021-009,
PS-51021-010, PS-51021-011, PS-51021-022,
PS-51021-023, PS-51021-025, PS-51021-026,
PS-51021-027, PS-51021-028, RPS-51021-001,
RPS-51021-002, RPS-51021-003, RPS-51021-004,
RPS-51021-005, RPS-51021-006, RPS-51021-007,
RPS-51021-008, RPS-51021-009, RPS-51021-010,
RPS-51021-011, RPS-51021-013, RPS-51021-014,
RPS-51021-018, RPS-51021-019, RPS-51021-020,
RPS-51021-021, RPS-51021-023, RPS-51021-024,
RPS-51021-025, RPS-51021-028, RPS-51021-030,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51021Series
Mates With
51047 Crimp Housing, 53047 PCB Header,
53048 PCB Header, 53261 PCB Header,
53398 PCB Header
Use With
50058 crimp terminal, 50079 crimp terminal


Similar Part No. - 51021-0300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51021-0300 ETC2-51021-0300 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
MolexKits
51021-0300 MOLEXKITS-51021-0300 Datasheet
43Kb / 2P
   Friction Lock Plug and Receptacle
51021-0300 MOLEXKITS-51021-0300 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
51021-0300 MOLEXKITS-51021-0300 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
51021-0300 MOLEXKITS-51021-0300 Datasheet
21Kb / 3P
   Plugs, Receptacles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com