Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S524A40X20 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S524A40X20
Description  1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524A40X20 Datasheet(HTML) 4 Page - Samsung semiconductor

  S524A40X20 Datasheet HTML 1Page - Samsung semiconductor S524A40X20 Datasheet HTML 2Page - Samsung semiconductor S524A40X20 Datasheet HTML 3Page - Samsung semiconductor S524A40X20 Datasheet HTML 4Page - Samsung semiconductor S524A40X20 Datasheet HTML 5Page - Samsung semiconductor S524A40X20 Datasheet HTML 6Page - Samsung semiconductor S524A40X20 Datasheet HTML 7Page - Samsung semiconductor S524A40X20 Datasheet HTML 8Page - Samsung semiconductor S524A40X20 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
S524A40X10/40X20/40X40 SERIAL EEPROM
DATA SHEET
2-4
A0, A1,
A2, WP
Figure 2-3. Pin Circuit Type 1
SCL
Noise
Filter
Figure 2-4. Pin Circuit Type 2
SDA
VSS
Data Out
Noise
Filter
Data In
Figure 2-5. Pin Circuit Type 3


Similar Part No. - S524A40X20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X21 SAMSUNG-S524A40X21 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
More results

Similar Description - S524A40X20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Microchip Technology
93LCS56 MICROCHIP-93LCS56 Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
93LCS56 MICROCHIP-93LCS56_04 Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
   2K I2C??Serial EEPROM Software Write-Protect
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com