Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S524A40X11 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S524A40X11
Description  1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524A40X11 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S524A40X11 Datasheet HTML 5Page - Samsung semiconductor S524A40X11 Datasheet HTML 6Page - Samsung semiconductor S524A40X11 Datasheet HTML 7Page - Samsung semiconductor S524A40X11 Datasheet HTML 8Page - Samsung semiconductor S524A40X11 Datasheet HTML 9Page - Samsung semiconductor S524A40X11 Datasheet HTML 10Page - Samsung semiconductor S524A40X11 Datasheet HTML 11Page - Samsung semiconductor S524A40X11 Datasheet HTML 12Page - Samsung semiconductor S524A40X11 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DATA SHEET
S524A40X11/40X21/40X41/60X81/60X51 SERIAL EEPROM
1-9
PAGE WRITE OPERATION
The S524A40X11/40X21/40X41/60X81/60X51 can also perform 16-byte page write operation. A page write
operation is initiated in the same way as a byte write operation. However, instead of finishing the write operation
after the first data byte is transferred, the master can transmit up to 15 additional bytes. The
S524A40X11/40X21/40X41/60X81/60X51 responds with an ACK each time it receives a complete byte of data
(see Figure 1-10).
Slave Address
Word Address (n)
Start
A
C
K
A
C
K
Data (n)
A
C
K
A
C
K
Data (
≤ n + 15)
Stop
A
C
K
Figure 1-10. Page Write Operation
The S524A40X11/40X21/40X41/60X81/60X51 automatically increments the word address pointer each time it
receives a complete data byte. When one byte has been received, the internal word address pointer increments
to the next address and the next data byte can be received.
If the master transmits more than 16 bytes before it generates a stop condition to end the page write operation,
the S524A40X11/40X21/40X41/60X81/60X51 word address pointer value “rolls over” and the previously received
data is overwritten. If the master transmits less than 16 bytes and generates a stop condition, the
S524A40X11/40X21/40X41/60X81/60X51 writes the received data to the corresponding EEPROM address.
During a page write operation, all inputs are disabled and there is no response to additional requests from the
master until the internal write cycle is completed.


Similar Part No. - S524A40X11

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X10 SAMSUNG-S524A40X10 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
More results

Similar Description - S524A40X11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com