Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67492-1820 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 67492-1820
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.60mm (.220"), Gold (Au) Flash, without Cap, Embossed Tape on Reel Packaging, 22Circuits, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67492-1820 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  67492-1820 Datasheet HTML 1Page - Molex Electronics Ltd. 67492-1820 Datasheet HTML 2Page - Molex Electronics Ltd. 67492-1820 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0674921820
Status:
Active
Overview:
serial_ata_127_host_receptacles
Description:
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height
5.60mm (.220"), Gold (Au) Flash, without Cap, Embossed Tape on Reel Packaging, 22
Circuits, Lead Free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
67492
Application
Board-to-Board
Overview
serial_ata_127_host_receptacles
Product Name
Serial ATA
Physical
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Durability (mating cycles max)
500
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.045 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67492Series
Mates With
87703 , 87672 Serial ATA Plugs


Similar Part No. - 67492-1820

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67492-1822 MOLEX7-67492-1822 Datasheet
154Kb / 3P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.60mm (.220"), 0.38關m (15關") Gold (Au) Plating, without Cap, Embossed Tape onReel Packaging, 22 Circuits, Lead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com