Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56120-8428 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 56120-8428
Description  Mini-HMC??Female Terminal, for 24-28 AWG, Lead-free, Reel Packaging
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

56120-8428 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  56120-8428 Datasheet HTML 1Page - Molex Electronics Ltd. 56120-8428 Datasheet HTML 2Page - Molex Electronics Ltd. 56120-8428 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Terminal for 18-28
AWG
Hand Tool for
CRC™ Shielded
Rectangular I/O Male
Terminals, 24-28
AWG
0638192000
FineAdjust™
Applicator
0638659000
Japan
Description
Product #
Applicator for M211A
Bench Press,
18-28 AWG, for
56116/56117/56118/56119/56120/56121
Crimp Terminal
0574073000
Hand Extraction Tool 0574076100
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 56120-8428

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
56120-8528 MOLEX7-56120-8528 Datasheet
113Kb / 3P
   Mini-HMC??Female Terminal, for 24-28 AWG, Lead-free, Bag Packaging
56120-8628 MOLEX7-56120-8628 Datasheet
115Kb / 3P
   CRC??Shielded Rectangular I/O Female Terminal, Signal, Low-Insertion Force Type, Reel, Lead-free
56120-8728 MOLEX7-56120-8728 Datasheet
115Kb / 3P
   CRC??Shielded Rectangular I/O Female Terminal, Signal, Low-Insertion Force Type,Bag, Lead-free
More results

Similar Description - 56120-8428

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0561208528 MOLEX7-0561208528 Datasheet
113Kb / 3P
   Mini-HMC??Female Terminal, for 24-28 AWG, Lead-free, Bag Packaging
0561218428 MOLEX7-0561218428 Datasheet
113Kb / 3P
   Mini-HMC??Female Terminal, for 18-22 AWG, Lead-free, Reel Packaging
0561198228 MOLEX7-0561198228 Datasheet
113Kb / 3P
   Mini-HMC??Male Terminal, for 18-22 AWG, Lead-free, Reel Packaging
0561218528 MOLEX7-0561218528 Datasheet
113Kb / 3P
   Mini-HMC??Female Terminal, for 18-22 AWG, Lead-free, Bag Packaging
0561198328 MOLEX7-0561198328 Datasheet
113Kb / 3P
   Mini-HMC??Male Terminal, for 18-22 AWG, Lead-free, Bag Packaging
0593708000 MOLEX1-0593708000_18 Datasheet
32Kb / 1P
   2.00mm Pitch Crimp Terminal, Female, 22-28 AWG, Reel
0008700056 MOLEX1-0008700056 Datasheet
104Kb / 3P
   SPOX??Crimp Terminal 5103, 22-28 AWG, Reel, Brass (CuZn), Chain Type, Lead Free
0561188228 MOLEX7-0561188228 Datasheet
112Kb / 3P
   Shielded Rectangular I/O Male Terminal, Signal, Lead-free, Reel Packaging
5040520098 MOLEX1-5040520098 Datasheet
31Kb / 1P
   1.50mm Pitch Pico-Lock Crimp Terminal, Reel, AWG 24-28
0593708000 MOLEX7-0593708000 Datasheet
93Kb / 3P
   2.00mm (.079") Pitch Crimp Terminal, Female, 22-28 AWG, For 51216, Reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com