Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0673513004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0673513004
Description  MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through HoleVertical, Gold (Au) Flash, Polyester (PBT), Screw Hole, 4-40 Thread, 2.34mm (.092")PC Tail Length, 29 Circuits, Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0673513004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0673513004 Datasheet HTML 1Page - Molex Electronics Ltd. 0673513004 Datasheet HTML 2Page - Molex Electronics Ltd. 0673513004 Datasheet HTML 3Page - Molex Electronics Ltd. 0673513004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 0673513004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0673511004 MOLEX7-0673511004 Datasheet
244Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, Right Angle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), Lead Free Screw Hole, 4-40 Thread, 29 Circuits
0673511014 MOLEX7-0673511014 Datasheet
223Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length29 Circuits, Lead Free
0673511800 MOLEX7-0673511800 Datasheet
227Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length,29 Circuits, without Pegs, Lead Free
0673511804 MOLEX7-0673511804 Datasheet
206Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, 2.34mm (.092") PC Tail Length,29 Circuits, Lead Free
0673511807 MOLEX7-0673511807 Datasheet
232Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, 3.12mm (.123") PC TailLength, Polyester (PBT), Screw Hole, 4-40 Thread,29 Circuits, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com