Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0511101053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0511101053
Description  2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 9 Circuits (Circuit 1 void), withoutCenter Polarization Key, without Locking Ramp, Leadfree
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0511101053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0511101053 Datasheet HTML 1Page - Molex Electronics Ltd. 0511101053 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511101053
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch, Milli-Grid™ Crimp Housing, 9 Circuits (Circuit 1 void), without
Center Polarization Key, without Locking Ramp, Leadfree
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51110
Comments
Applicable Wire Range: AWG #24 - #30
Overview
milligrid
Product Name
Milli-Grid™
Physical
Circuits (maximum)
9
Circuits Detail
Circuit No. 1 is Void
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51110Series
Mates With
87758 Vertical, Through Hole, Stackable
PCB Header, 87759 Vertical, Surface
Mount, Stackable PCB Header, 87760
Right Angle, Through Hole, Stackable PCB
Header, 87831 Vertical, Through Hole PCB
Header, 87832 Vertical, Surface Mount PCB
Header, 87833 Right Angle, Through Hole
PCB Header
Use With
50394-8*** Crimp Terminals
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0511101053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0511101050 MOLEX7-0511101050 Datasheet
122Kb / 2P
   2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 10 Circuits, without CenterPolarization Key, without Locking Ramp, Leadfree
0511101050 MOLEX1-0511101050_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 10 Circuits, without Center Polarization Key, without Locking Ramp, Lead-Free
0511101051 MOLEX7-0511101051 Datasheet
122Kb / 2P
   2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 10 Circuits, with Center PolarizationKey, without Locking Ramp, Leadfree
0511101051 MOLEX1-0511101051_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 10 Circuits, with Center Polarization
0511101056 MOLEX7-0511101056 Datasheet
88Kb / 2P
   2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 10 Circuits, with Center LockingRamp and Side Polarization Keys, Leadfree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com