Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P8454 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3P8454
Description  S3C8454 MICROCONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P8454 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3P8454 Datasheet HTML 1Page - Samsung semiconductor S3P8454 Datasheet HTML 2Page - Samsung semiconductor S3P8454 Datasheet HTML 3Page - Samsung semiconductor S3P8454 Datasheet HTML 4Page - Samsung semiconductor S3P8454 Datasheet HTML 5Page - Samsung semiconductor S3P8454 Datasheet HTML 6Page - Samsung semiconductor S3P8454 Datasheet HTML 7Page - Samsung semiconductor S3P8454 Datasheet HTML 8Page - Samsung semiconductor S3P8454 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
S3C8454/P8454
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87 RC PRODUCT FAMILY
Samsung's new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a
wide range of integrated peripherals, and various mask-programmable ROM sizes. Timer/counters with
selectable operating modes are included to support real-time operations. Many SAM87RC microcontrollers have
an external interface that provides access to external memory and other peripheral devices. The sophisticated
interrupt structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and
vectors. Fast interrupt processing (within a minimum six CPU clocks) can be assigned to specific interrupt levels.
S3C8454 MICROCONTROLLER
The S3C8454 single-chip microcontroller is fabricated using a highly advanced CMOS process. Its design is
based on the powerful SAM87RC CPU core. Stop and Idle power-down modes were implemented to reduce
power consumption. The size of the internal register file is logically expanded, increasing the addressable on-chip
register space to 1040 bytes. A flexible yet sophisticated external interface is used to access up to 64-Kbytes of
program and data memory.
The S3C8454 is a versatile microcontroller that is ideal for use in a wide range of
general-purpose applications such as CD-ROM/DVD-ROM drives.
Using the SAM87RC modular design approach, the following peripherals were integrated with the SAM87RC
CPU core:
— Five configurable 8-bit general I/O ports
— One 2-bit general I/O ports
— Full-duplex serial data port with one synchronous operating modes
— Two 8-bit timers with interval timer
— Two 16-bit timers/counters with PWM operating modes or capture modes
— One voltage level detector pin
— Four embedded chip selection pins (CS0–CS4) or normal I/O ports
— Two programmable 8-bit PWM modules with corresponding output pins
— A/D converter with 4 selectable input pins
OTP
The S3C8454 microcontroller is also available in OTP(One Time Programmable) version, S3P8454
The S3P8454 microcontroller has an on-chip 4K-byte one-time-programmable EPROM instead of masked ROM.
The S3P8454 is comparable to S3C8454, both in function and in pin configuration.


Similar Part No. - S3P8454

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P8469 SAMSUNG-S3P8469 Datasheet
228Kb / 33P
   S3C8465/C8469 MICROCONTROLLER
S3P8475 SAMSUNG-S3P8475 Datasheet
165Kb / 24P
   S3C8478/C8475 MICROCONTROLLER
S3P84A4 SAMSUNG-S3P84A4 Datasheet
236Kb / 29P
   S3C84A4X MICROCONTROLLER
More results

Similar Description - S3P8454

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com