Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE5RE53AA-T2 Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RE5RE53AA-T2
Description  VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RE53AA-T2 Datasheet(HTML) 2 Page - RICOH electronics devices division

  RE5RE53AA-T2 Datasheet HTML 1Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 2Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 3Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 4Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 5Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 6Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 7Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 8Page - RICOH electronics devices division RE5RE53AA-T2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
VOLTAGE REGULATOR
FOR MIDDLE OUTPUT CURRENT
1
R
×5RE SERIES
OUTLINE
The R
×5RE Series are voltage regulator ICs with high output voltage accuracy and ultra-low quiescent
current by CMOS process. Each of these ICs consists of a voltage reference unit, an error amplifier, a driver
transistor, and resistors for setting output voltage, and a current limit circuit. By use of these ICs, a con-
stant voltage power supply circuit with high efficiency can be constructed because the dropout voltage and
quiescent current of these ICs are very small. Furthermore, theses ICs have a built-in current limit circuit.
The output voltage of these ICs is fixed with high accuracy.
Two types of packages, TO-92 and SOT-89 (Mini-power Mold) are available.
• Ultra-low Quiescent Current ...........................TYP. 1.1µA (R
×5RE30A,VIN=5.0V)
• Ultra-low Dropout Voltage ...............................TYP. 0.5V (R
×5RE50A,IOUT=60mA)
• Large Output Current ......................................TYP. 120mA (R
×5RE50A)
• Low Temperature-Drift Coefficient of Output Voltage ...........................TYP. ±100ppm/˚C
• Broad Operating Voltage Range ......................MAX. 10.0V
• Excellent Line Regulation ................................TYP. 0.1%/V
• High Accuracy Output Voltage ........................±2.5%
• Output Voltage...................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is
possible (refer to Selection Guide)
• Two Types of Packages ..................................TO-92, SOT-89 (Mini-power Mold)
FEATURES
APPLICATIONS
Power source for battery-powered equipment.
Power source for cameras, video instruments such as camcorders, VCRs, and hand- held communication equipment.
Precision voltage references.
BLOCK DIAGRAM
2
1
3
Vref
VOUT
GND
VIN
+


Similar Part No. - RE5RE53AA-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RE50AA-TZ-F RICOH-RE5RE50AA-TZ-F Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RE5RE53AA-T2

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com