Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C80B5 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C80B5
Description  S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C80B5 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C80B5 Datasheet HTML 1Page - Samsung semiconductor S3C80B5 Datasheet HTML 2Page - Samsung semiconductor S3C80B5 Datasheet HTML 3Page - Samsung semiconductor S3C80B5 Datasheet HTML 4Page - Samsung semiconductor S3C80B5 Datasheet HTML 5Page - Samsung semiconductor S3C80B5 Datasheet HTML 6Page - Samsung semiconductor S3C80B5 Datasheet HTML 7Page - Samsung semiconductor S3C80B5 Datasheet HTML 8Page - Samsung semiconductor S3C80B5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PRODUCT OVERVIEW
S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5
1-2
FEATURES
CPU
SAM87RC CPU core
Memory
Program memory (ROM)
– S3C80A4/C80B4: 4-Kbyte
(0000H–0FFFH)
– S3C80A8/C80B8: 8-Kbyte
(0000H–1FFFH)
– S3C80A5/C80B5: 15,872 byte
(0000H–3E00H)
Data memory: 256-byte RAM
Instruction Set
78 instructions
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
500 ns at 8-MHz f
OSC (minimum)
Interrupts
13 interrupt sources with 10 vector.
5 level, 10 vector interrupt structure
I/O Ports
Two 8-bit I/O ports (P0-P1) and one 3-bit port
(P2) for a total of 19 bit-programmable pins
Eight input pins for external interrupts
Carrier Frequency Generator
One 8-bit counter with auto-reload function and
one-shot or repeat control (Counter A)
Back-up mode
When V
DD is lower than VLVD, the chip enters
Back-up mode to block oscillation and reduce the
current consumption.
Timers and Timer/Counters
One programmable 8-bit basic timer (BT) for
oscillation stabilization control or watchdog timer
function
One 8-bit timer/counter (Timer 0) with two
operating modes; Interval mode and PWM mode.
One 16-bit timer/counter with one operating
modes; Interval mode
Low Voltage Detect Circuit
Low voltage detect for reset or Back-up mode.
Low level detect voltage
– S3C80A4/C80A8/C80A5:
2.20 V (Typ)
± 200 mV
– S3C80B4/C80B8/C80B5:
1.90 V (Typ)
± 200 mV
Auto Reset Function
Reset occurs when stop mode is released by P0.
When a falling edge is detected at Port 0 during
Stop mode, system reset occurs.
Operating Temperature Range
–40°C to + 85°C
Operating Voltage Range
1.7 V to 3.6 V at 4 MHz f
OSC
2.0 V to 3.6 V at 8 MHz f
OSC
Package Type
24-pin SOP/SDIP


Similar Part No. - S3C80B5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8075 SAMSUNG-S3C8075 Datasheet
1Mb / 208P
   SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C80C5 SAMSUNG-S3C80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C80C8 SAMSUNG-S3C80C8 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
More results

Similar Description - S3C80B5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C8316 SAMSUNG-KS88C8316 Datasheet
91Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01416 SAMSUNG-KS88C01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com