Electronic Components Datasheet Search |
|
52852-2870 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
52852-2870 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 9 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0528522870 Status: Active Overview: ffc_fpc_smt Description: 1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Bottom Contact Style Receptacle, 28 Circuits, Lead-free Documents: 3D Model Product Specification PS-52852-014 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family FFC/FPC Connectors Series 52852 Overview ffc_fpc_smt Product Name N/A Physical Circuits (Loaded) 28 Circuits (maximum) 28 Contact Position Bottom Durability (mating cycles max) 10 Entry Angle 90° Angle Flammability 94V-0 Mated Height (in) 0.122 In Mated Height (mm) 3.10 mm Material - Metal Phosphor Bronze Material - Plating Mating Tin-Bismuth Material - Plating Termination Tin-Bismuth Number of Rows 1 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 1.00 mm Pitch - Term. Interface (in) 0.039 In Pitch - Term. Interface (mm) 1.00 mm Plating min: Mating (µin) 40 Plating min: Mating (µm) 1 Plating min: Termination (µin) 40 Plating min: Termination (µm) 1 Polarized to PCB No Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -20°C to +80°C Termination Interface: Style Surface Mount Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 0.5A Voltage - Maximum 50V AC (RMS)/DC Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 52852Series |
Similar Part No. - 52852-2870 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |