Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C8075 Datasheet(PDF) 67 Page - Samsung semiconductor

Part # S3C8075
Description  SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C8075 Datasheet(HTML) 67 Page - Samsung semiconductor

Back Button S3C8075 Datasheet HTML 63Page - Samsung semiconductor S3C8075 Datasheet HTML 64Page - Samsung semiconductor S3C8075 Datasheet HTML 65Page - Samsung semiconductor S3C8075 Datasheet HTML 66Page - Samsung semiconductor S3C8075 Datasheet HTML 67Page - Samsung semiconductor S3C8075 Datasheet HTML 68Page - Samsung semiconductor S3C8075 Datasheet HTML 69Page - Samsung semiconductor S3C8075 Datasheet HTML 70Page - Samsung semiconductor S3C8075 Datasheet HTML 71Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 208 page
background image
S3C8075/P8075
CONTROL REGISTERS
4-23
P5CON — Port 5 Control Register
F8H
Set 1, Bank 1
Bit Identifier
.7
.6
.5
.4
.3
.2
.1
.0
RESET
RESET Value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Addressing Mode
Register addressing mode only
.7–.4
P5.7–P5.4 Mode Selection Bits
x
0
x
0
Input
x
1
x
0
Input, pull-up
x
0
0
1
Output, push-pull
x
0
1
1
Output, open drain
x
1
1
1
Output, open drain, pull-up
.3–.0
P5.3–P5.0 Mode Selection Bits
x
0
x
0
Input
x
1
x
0
Input, pull-up
x
0
0
1
Output, push-pull
x
0
1
1
Output, open drain
x
1
1
1
Output, open drain, pull-up


Similar Part No. - S3C8075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A5 SAMSUNG-S3C80A5 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A8 SAMSUNG-S3C80A8 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80B4 SAMSUNG-S3C80B4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
More results

Similar Description - S3C8075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Samsung semiconductor
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8316 SAMSUNG-KS88C8316 Datasheet
91Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com