Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P7424 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S3P7424
Description  The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P7424 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S3P7424 Datasheet HTML 6Page - Samsung semiconductor S3P7424 Datasheet HTML 7Page - Samsung semiconductor S3P7424 Datasheet HTML 8Page - Samsung semiconductor S3P7424 Datasheet HTML 9Page - Samsung semiconductor S3P7424 Datasheet HTML 10Page - Samsung semiconductor S3P7424 Datasheet HTML 11Page - Samsung semiconductor S3P7424 Datasheet HTML 12Page - Samsung semiconductor S3P7424 Datasheet HTML 13Page - Samsung semiconductor S3P7424 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
PRODUCT OVERVIEW
S3C7414/P7414/C7424/P7424/C7434/P7434
1-10
PIN DESCRIPTIONS
Table 1-2. S3C7414/C7434 Pin Descriptions
Pin Name
Pin Type
Description
Number
Share Pin
P0.0
P0.1
P0.2
P0.3
I/O
4-bit I/O port.
1-bit or 4-bit read/write and test is possible.
Individual pins are software configurable as input or
output.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
24 (18)
25 (19)
26 (20)
27 (21)
SCK
SO
SI
BUZ
P1.0
P1.1
P1.2
P1.3
I
4-bit input port.
1-bit and 4-bit read and test is possible.
3-bit pull-up resistors are individually assignable by
software to pins P1.0, P1.1, and P1.2.
28 (23)
29 (24)
30 (25)
31 (26)
INT0
INT1
INT2
INT4
P2.0
P2.1
P2.2
P2.3
I/O
4-bit I/O port.
N-channel open-drain output.
1-bit or 4-bit write and test is possible.
Individual pins are software configurable as AD input
or output.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
1 (38)
2 (39)
3 (40)
4 (41)
AD0
AD1
AD2
AD3
P3.0
P3.1
P3.2
P3.3
I/O
Same as Port 0 (P0.0–P0.3)
5 (42)
6 (43)
8 (2)
9 (3)
AD4
AD5
CLO/TCL1
PWM/TCLO1
P4.0
P4.1
P4.2
P4.3
P5.0–P5.3
I/O
4-bit I/O ports.
Ports 4 and 5 can be configured individually as n-
channel open-drain or as CMOS push-pull output by
software.
1-bit and 4-bit read/write and test is possible.
Ports 4 and 5 can be paired to enable 8-bit data
transfer.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
10 (4)
16 (10)
17 (11)
19 (13)
20–23
(14–17)
P6.0–P6.3
P7.0–P7.3
P8.0
P8.1
P8.2
I/O
Same as Port 0 except port 8 is a 3-bit I/O port
32–35
(27–30)
36–39
(31–34)
40 (35)
41 (36)
42 (37)
KS0–KS3
TCL0
TCLO0


Similar Part No. - S3P7424

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7048 SAMSUNG-S3P7048 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3P70F4 SAMSUNG-S3P70F4 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7235 SAMSUNG-S3P7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7238 SAMSUNG-S3P7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7295 SAMSUNG-S3P7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3P7424

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com