Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7544 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S3C7544
Description  Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7544 Datasheet(HTML) 3 Page - Samsung semiconductor

  S3C7544 Datasheet HTML 1Page - Samsung semiconductor S3C7544 Datasheet HTML 2Page - Samsung semiconductor S3C7544 Datasheet HTML 3Page - Samsung semiconductor S3C7544 Datasheet HTML 4Page - Samsung semiconductor S3C7544 Datasheet HTML 5Page - Samsung semiconductor S3C7544 Datasheet HTML 6Page - Samsung semiconductor S3C7544 Datasheet HTML 7Page - Samsung semiconductor S3C7544 Datasheet HTML 8Page - Samsung semiconductor S3C7544 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
S3C7544/P7544
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
DAO
Arithmetic Logic Unit
Interrupt
Control
Block
Stack
Pointer
Program
Counter
Program
Status
Word
Flags
Instruction Decoder
Clock
XIN
Internal
Interrupts
P4.0–P4.3
P5.0–P5.3
8-bit
Timer/
Counter
I/O Port 4
I/O Port 5
D/A
Converter
RESET
512 x 4-bit
Data
Memory
Basic
Timer
XOUT
INT0, INT1
Buzzer
P0.0/INT0
P0.1/INT1
P0.2/KS0
P0.3/KS1
I/O Port 0
I/O Port 1
P1.0/TCL0
P1.1/TCLO0
P1.2/CLO
P1.3/BUZ
I/O Port 2
P2.0
4 K byte
Program
Memory
Watchdog
Timer
Figure 1-1. S3C7544 Simplified Block Diagram


Similar Part No. - S3C7544

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7528 SAMSUNG-S3C7528 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7534 SAMSUNG-S3C7534 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7538 SAMSUNG-S3C7538 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
More results

Similar Description - S3C7544

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
   (512 x 8) 4096-Bit TTL PROM
November 1990
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
   (512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
   512 x 8 4096-Bit TTL PROM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Sanyo Semicon Device
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Sanyo Semicon Device
LC587208A SANYO-LC587208A Datasheet
530Kb / 15P
   4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com