Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7544 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3C7544
Description  Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7544 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3C7544 Datasheet HTML 1Page - Samsung semiconductor S3C7544 Datasheet HTML 2Page - Samsung semiconductor S3C7544 Datasheet HTML 3Page - Samsung semiconductor S3C7544 Datasheet HTML 4Page - Samsung semiconductor S3C7544 Datasheet HTML 5Page - Samsung semiconductor S3C7544 Datasheet HTML 6Page - Samsung semiconductor S3C7544 Datasheet HTML 7Page - Samsung semiconductor S3C7544 Datasheet HTML 8Page - Samsung semiconductor S3C7544 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
S3C7544/P7544
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. S3C7544 Pin Descriptions
Pin Name
Pin Type
Description
Share Pin
P0.0
P0.1
P0.2
P0.3
I
4-bit I/O port. 1- or 4-bit read/write and test is possible.
Pull-up resistors are assignable to input pins by software and are
automatically disabled for output pins. Pins are individually
configurable as input or output.
INT0
INT1
KS0
KS1
P1.0
P1.1
P1.2
P1.3
I/O
4-bit I/O port. 1- or 4-bit read/write and test is possible.
Pull-up resistors are assignable to input pins by software and are
automatically disabled for output pins. Pins are individually
configurable as input or output.
TCL0
TCLO0
CLO
BUZ
P2.0
I/O
1-bit I/O port. 1- or 4-bit read/write and test is possible.
Pull-up resistors are assignable to input pins by software and are
automatically disabled for output pins.
P4.0–P4.3
P5.0–P5.3
I/O
4-bit I/O port. 1- or 4-bit read/write and test is possible.
Pins are individually configurable as input or output.
Pull-up resistors are assignable to input pins by software and are
automatically disabled for output pins.
The N-channel open drain or push-pull output can be selected by
software (1-bit unit).
INT0
I/O
External interrupts with rising/falling edge detection
P0.0
INT1
I/O
External interrupts with rising/falling edge detection
P0.1
KS0
KS1
I/O
Quasi-interrupt input with falling edge detection
P0.2
P0.3
TCL0
I/O
External clock input for timer/counter
P1.0
TCLO0
I/O
Timer/counter clock output
P1.1
CLO
I/O
CPU clock output
P1.2
BUZ
I/O
0.5, 1, 2, or 4 kHz frequency output at 4.19 MHz for buzzer sound
P1.3
DAO
O
8-bit D/A converter output
V
DD
Main power supply
V
SS
Ground
RESET
I
Reset signal
TEST
I
Chip test input pin. Hold GND when the device is operating.
X
IN, XOUT
Crystal, ceramic oscillator signal for system clock


Similar Part No. - S3C7544

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7528 SAMSUNG-S3C7528 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7534 SAMSUNG-S3C7534 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7538 SAMSUNG-S3C7538 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
More results

Similar Description - S3C7544

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
   (512 x 8) 4096-Bit TTL PROM
November 1990
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
   (512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
   512 x 8 4096-Bit TTL PROM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Sanyo Semicon Device
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Sanyo Semicon Device
LC587208A SANYO-LC587208A Datasheet
530Kb / 15P
   4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com