Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S3C7414 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. S3C7414
Description  The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S3C7414 Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
S3C7414/P7414/C7424/P7424/C7434/P7434
PRODUCT OVERVIEW
1-3
Table 1-1. Comparision Table
Feature
S3C7414
S3C7424
S3C7434
Core
SAM47
SAM47
SAM47
ROM
4 K bytes
Same
Same
RAM
256 nibbles
Same
Same
I/O
35 (4 input only)
21 (3 input only)
35 (4 input only)
POR (1)
None
None
Built in/ Typ: 2.0 V
SIO
8-bit SIO x 1
Same
Same
Timer0
8-bit timer/counter
Same
Same
Timer1(PWM)
8-bit timer/counter
(8-bit PWM x 1)
Same
Same
Watchdog timer
Watch-dog
4 selectable interval
Same
Same
ADC
8-bit x 6
8-bit x 4
8-bit x 6
AV
SS
None (2)
Same
Same
Interrupt
External x 3
Internal x 5
Quasi x 2 (KS0–KS3)
External x 2
Internal x 5
Quasi x 1 ( – )
External x 3
Internal x 5
Quasi x 2 (KS0–KS3)
Power down
Stop/Idle
Same
Same
Oscillator
Crystal, Ceramic, RC
Same
Same
Operating frequency
0.4–6 MHz
Same
Same
Operating voltage
1.8–5.5 V
1.8–5.5 V
2.5–5.5 V
OTP/MTP
OTP
Same
Same
Package
42SDIP/44QFP
30SDIP/28SOP
42SDIP/44QFP
NOTES
1.
POR (power on reset)/Typ 2.0 V low voltage detector.
2.
Internal A/D converter ground (bonded to VSS internally)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3316The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn