Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7414 Datasheet(PDF) 49 Page - Samsung semiconductor

Part # S3C7414
Description  The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7414 Datasheet(HTML) 49 Page - Samsung semiconductor

Back Button S3C7414 Datasheet HTML 42Page - Samsung semiconductor S3C7414 Datasheet HTML 43Page - Samsung semiconductor S3C7414 Datasheet HTML 44Page - Samsung semiconductor S3C7414 Datasheet HTML 45Page - Samsung semiconductor S3C7414 Datasheet HTML 46Page - Samsung semiconductor S3C7414 Datasheet HTML 47Page - Samsung semiconductor S3C7414 Datasheet HTML 48Page - Samsung semiconductor S3C7414 Datasheet HTML 49Page - Samsung semiconductor S3C7414 Datasheet HTML 50Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
S3C7414/P7414/C7424/P7424/C7434/P7434
S3P7414/P7424/P7434 OTP
16-11
Table 16-7. S3P7434 D.C. Electrical Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 2.5 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply
IDD1
Run mode; VDD = 5.0 V ± 10%
6.0MHz
3.1
8.0
mA
Current (1)
Crystal oscillator; C1=C2=22pF
4.19MHz
2.4
5.5
VDD = 3 V ± 10%
6.0MHz
1.5
4.0
4.19MHz
1.2
3.0
IDD2
Idle mode; VDD = 5.0 V ± 10%
6.0MHz
1.2
2.5
mA
Crystal oscillator; C1=C2=22pF
4.19MHz
1.1
1.8
VDD = 3 V ± 10%
6.0MHz
0.6
1.5
4.19MHz
0.5
1.0
IDD3
Stop mode; VDD = 5.0 V ± 10%
120
200
µA
Stop mode; VDD = 3.0 V ± 10%
100
150
NOTES:
1.
D.C. electrical values for Supply current (IDD1 to IDD3) do not include current drawn through internal pull-up registers,
output port drive currents and ADC.
2.
The supply current assumes a CPU clock of fx/4.
CPU CLOCK = 1/n x oscillator frequency (n = 4, 8 or 64)
SUPPLY VOLTAGE (V)
1.05 MHz
15.6 kHz
CPU CLOCK
1.5 MHz
4.2 MHz
Main Oscillator Frequency
(Divided by 4)
6 MHz
1
2
3
4
5
6
2.5
5.5
Figure 16-9. S3P7434 Standard Operating Voltage Range


Similar Part No. - S3C7414

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7032 SAMSUNG-S3C7032 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C7048 SAMSUNG-S3C7048 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3C7414

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com