Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C7335 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. S3C7335
Description  The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7335 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C7335 Datasheet HTML 1Page - Samsung semiconductor S3C7335 Datasheet HTML 2Page - Samsung semiconductor S3C7335 Datasheet HTML 3Page - Samsung semiconductor S3C7335 Datasheet HTML 4Page - Samsung semiconductor S3C7335 Datasheet HTML 5Page - Samsung semiconductor S3C7335 Datasheet HTML 6Page - Samsung semiconductor S3C7335 Datasheet HTML 7Page - Samsung semiconductor S3C7335 Datasheet HTML 8Page - Samsung semiconductor S3C7335 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
PRODUCT OVERVIEW
S3C7335/P7335
1-2
FEATURES
Memory
512-nibble RAM
16K-byte ROM
I/O Pins
Input only: 4 pins
Output only: 28 pins
I/O: 24 pins
LCD Controller/Driver
Maximum 14-digit LCD direct drive capability
28 segment x 4 common signals
Display modes: Static, 1/2 duty (1/2 bias)
1/3 duty (1/2 or 1/3 bias), 1/4 duty (1/3 bias)
8-Bit Basic Timer
Programmable interval timer functions
Watch-dog timer function
8-Bit Timer/Counter
Programmable 8-bit timer
External event counter
Arbitrary clock frequency output
External clock signal divider
Serial I/O interface clock generator
Watch Timer
Time interval generation
: 0.5 s, 3.9 ms at 32.768 kHz
Frequency outputs to BUZ pin
Clock source generation for LCD
8-Bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
Data direction selectable (LSB-first or MSB-first)
Internal or external clock source
A/D Converter
4-channels with 8-bit resolution
Bit Sequential Carrier Buffer
Support 16-bit serial data transfer in arbitrary
format
PLL Frequency Synthesizer
Level = 300 mVp-p (min)
AMVCO range = 0.5 MHz to 30 MHz
FMVCO range = 30 MHz to 150 MHz
16-Bit Intermediate Frequency (IF) Counter
Level = 300 mVp-p (min)
AMIF range = 100 kHz to 1 MHz
FMIF range = 5 MHz to 15 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3316The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn