Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S3C7335 Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. S3C7335
Description  The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S3C7335 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
PRODUCT OVERVIEW
S3C7335/P7335
1-6
PIN DESCRIPTIONS
Table 1-1. S3C7335 Pin Descriptions
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
P0.0
P0.1
P0.2
P0.3
I/O
4-bit I/O port.
1-bit or 4-bit read, write, and test are possible.
Pull-up resistors can be configured by software.
72
73
74
75
BTCO
TCLO0
TCL0
BUZ
Input
D-2
D-2
D-4
D-2
P1.0
P1.1
P1.2
P1.3
I
4-bit input port.
1-bit or 4-bit read and test are possible.
Pull-up resistors can be configured by software.
76
77
78
79
INT0
INT1
INT2
INT4
Input
A-4
P2.0-P2.3
P3.0-P3.3
I/O
4-bit I/O ports.
1-bit, 4-bit or 8-bit read, write and test are possible.
Pull-up resistors can be configured by software.
Ports 2 and 3 can be paired to support 8-bit data
transfer.
56-59
68-71
Input
D-2
P4.0
P4.1
P4.2
P4.3
I/O
4-bit I/O ports.
1-bit, 4-bit or 8-bit read, write and test are possible.
Pull-up resistors can be configured by software.
80
1
2
3
SCK
SO
SI
CLO
Input
D-4
D-2
D-4
D-2
P5.0
P5.1
P5.2
P5.3
I/O
Ports 4 and 5 can be paired to support 8-bit data
transfer.
4
5
6
7
ADC0
ADC1
ADC2
ADC3
Input
F-10
P6.0
P6.1
P6.2
P6.3
I/O
4-bit I/O port.
1-bit, 4-bit or 8-bit read, write and test are possible.
Pull-up resistors can be configured by software.
8
9
10
11
KS0
KS1
KS2
KS3
Input
D-7
P7.0
P7.1
P7.2
P7.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
28
29
30
31
SEG0
SEG1
SEG2
SEG3
Output
H-28
P8.0
P8.1
P8.2
P8.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
32
33
34
35
SEG4
SEG5
SEG6
SEG7
Output
H-28
P9.0
P9.1
P9.2
P9.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
36
37
38
39
SEG8
SEG9
SEG10
SEG11
Output
H-28
P10.0
P10.1
P10.2
P10.3
O
1-bit or 4-bit output port.
Alternatively used for LCD segment output.
40
41
42
43
SEG12
SEG13
SEG14
SEG15
Output
H-28


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3316The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn