Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0510942605 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0510942605
Description  Mi II??D/R Clip, 26 circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0510942605 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0510942605 Datasheet HTML 1Page - Molex Electronics Ltd. 0510942605 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510942605
Status:
Active
Description:
Mi II™ D/R Clip, 26 circuit
Documents:
3D Model
Product Specification PS-52478-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-52478-001 (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Accessories
Series
51094
Component Type
Clip
Product Name
Mi II™
Physical
Circuits (Loaded)
26
Color - Resin
Gray
Flammability
94V-0
Gender
Female
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-52478-001, PS-52478-002
Sales Drawing
SD-51094-**05
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51094Series
Use With
52484
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0510942605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510942005 MOLEX7-0510942005 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 20 circuit
0510942205 MOLEX7-0510942205 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 22 circuit
0510942405 MOLEX7-0510942405 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 24 circuit
0510942805 MOLEX7-0510942805 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 28 circuit
More results

Similar Description - 0510942605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510942205 MOLEX7-0510942205 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 22 circuit
0510941605 MOLEX7-0510941605 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 16 circuit
0510941405 MOLEX7-0510941405 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 14 circuit
0510940805 MOLEX7-0510940805 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 8 circuit
0510942805 MOLEX7-0510942805 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 28 circuit
0510942405 MOLEX7-0510942405 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 24 circuit
0510942005 MOLEX7-0510942005 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 20 circuit
0510941005 MOLEX7-0510941005 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 10 circuit
0510941205 MOLEX7-0510941205 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 12 circuit
0510941805 MOLEX7-0510941805 Datasheet
105Kb / 2P
   Mi II??D/R Clip, 18 circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com