Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0549270420 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0549270420
Description  5.00mm (.197") Pitch MTC™ Spring Type Receptacle, Lead-free, 4 Circuits VersionWhite Color
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0549270420 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0549270420 Datasheet HTML 1Page - Molex Electronics Ltd. 0549270420 Datasheet HTML 2Page - Molex Electronics Ltd. 0549270420 Datasheet HTML 3Page - Molex Electronics Ltd. 0549270420 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0549270420
Status:
Active
Description:
5.00mm (.197") Pitch MTC™ Spring Type Receptacle, Lead-free, 4 Circuits Version,
White Color
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51240-005 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Terminal Blocks
Series
54927
Application
Wire-to-Board
Component Type
Plug
Product Name
MTC™
Type
Euro Block
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
White
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-30°C to +85°C
Termination Interface: Style
Surface Mount
Wire Size AWG
14, 16, 18, 20, 22, 24, 26
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54927Series
Mates With
55757


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn