Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72N2 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S3C72N2
Description  The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72N2 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S3C72N2 Datasheet HTML 6Page - Samsung semiconductor S3C72N2 Datasheet HTML 7Page - Samsung semiconductor S3C72N2 Datasheet HTML 8Page - Samsung semiconductor S3C72N2 Datasheet HTML 9Page - Samsung semiconductor S3C72N2 Datasheet HTML 10Page - Samsung semiconductor S3C72N2 Datasheet HTML 11Page - Samsung semiconductor S3C72N2 Datasheet HTML 12Page - Samsung semiconductor S3C72N2 Datasheet HTML 13Page - Samsung semiconductor S3C72N2 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ELECTRICAL DATA
S3C72N2/C72N4/P72N4
13-2
Table 13-1. Absolute Maximum Ratings
(T
A = 25
°C)
Parameter
Symbol
Conditions
Rating
Units
Supply Voltage
V
DD
– 0.3 to + 6.5
V
Input Voltage
V
I1
All I/O ports
– 0.3 to V
DD + 0.3
Output Voltage
V
O
– 0.3 to V
DD + 0.3
Output Current High
I
OH
One I/O port active
– 15
mA
All I/O ports active
– 30
Output Current Low
I
OL
One I/O port active
+ 30 (Peak value)
+ 15 (note)
Total value for ports 2 and 3
+ 60 (Peak value)
+ 20 (note)
Total value for port 6
+ 50
+ 20 (note)
Operating Temperature
T
A
– 40 to + 85
°C
Storage Temperature
Tstg
– 65 to + 150
NOTE: The values for Output Current Low ( IOL ) are calculated as Peak Value × Duty .
Table 13-2. D.C. Electrical Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input high
voltage
V
IH1
All input pins except those
specified below for V
IH2, VIH3
0.7 V
DD
V
DD
V
V
IH2
Ports 1, 6, and RESET
0.8 V
DD
V
DD
V
IH3
X
IN, XOUT, and XTIN
V
DD – 0.1
V
DD
Input low
V
IL1
Ports 2 and 3
0.3 V
DD
V
voltage
V
IL2
Ports 1, 6 and RESET
0.2 V
DD
V
IL3
X
IN, XOUT, and XTIN
0.1
Output high
voltage
V
OH1
V
DD = 4.5 V to 5.5 V
I
OH = – 1 mA
Ports 2, 3, 6 and BIAS
V
DD – 1.0
V
V
OH2
V
DD = 4.5 V to 5.5 V
I
OH = –100 µA Port 8 only
V
DD – 2.0


Similar Part No. - S3C72N2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72N5 SAMSUNG-S3C72N5 Datasheet
276Kb / 40P
   single-chip CMOS microcontroller
S3C72N8 SAMSUNG-S3C72N8 Datasheet
276Kb / 40P
   single-chip CMOS microcontroller
More results

Similar Description - S3C72N2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com