Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72H8 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S3C72H8
Description  The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72H8 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S3C72H8 Datasheet HTML 7Page - Samsung semiconductor S3C72H8 Datasheet HTML 8Page - Samsung semiconductor S3C72H8 Datasheet HTML 9Page - Samsung semiconductor S3C72H8 Datasheet HTML 10Page - Samsung semiconductor S3C72H8 Datasheet HTML 11Page - Samsung semiconductor S3C72H8 Datasheet HTML 12Page - Samsung semiconductor S3C72H8 Datasheet HTML 13Page - Samsung semiconductor S3C72H8 Datasheet HTML 14Page - Samsung semiconductor S3C72H8 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
S3C72H8/P72H8
ELECTRICAL DATA
16-3
Table 16-2. D.C. Electrical Characteristics (Continued)
(TA = – 40 °C to + 85 °C, VDD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input high
leakage
current (note)
I
LIH1
V
IN = VDD
All input pins
3
µA
Input low
leakage
current (note)
I
LIL1
V
IN = VDD; All input pins
except RESET
– 3
Output high
leakage
current (note)
I
LOH
V
OUT = VDD
All I/O pins and output pins
3
Output low
leakage
current (note)
I
LOL
V
OUT = 0 V
All I/O pins and output pins
– 3
Pull-up
resistors
R
L1
V
IN = 0 V, VDD = 5 V
T
A = 25
°C, Ports 0-6
25
47
100
K
V
DD = 3 V
50
90
150
R
L2
V
IN = 0 V; VDD = 5.0 V
150
250
350
T
A = 25
°C, RESET
Oscillator
feed back
resistors
R
OSC1
V
DD = 5.0 V, TA = 25
°C
X
IN = VDD, XOUT = 0V
400
700
1200
R
OSC2
V
DD = 5.0 V, TA = 25
°C
XT
IN = VDD, XTOUT = 0V
1000
1500
3000
|V
LC1-COMi|
Voltage Drop
(I = 0-3)
V
DC
-15 uA per common pin
120
mV
|V
LC1-SEGi|
Voltage Drop
(I = 0-25)
V
DS
-15 uA per segment pin
120
NOTE: Except XIN, XOUT, XTIN, XTOUT


Similar Part No. - S3C72H8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C72H8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7414 SAMSUNG-S3C7414 Datasheet
345Kb / 50P
   The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C4104 SAMSUNG-KS57C4104 Datasheet
233Kb / 52P
   The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com