Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C72B5 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. S3C72B5
Description  The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72B5 Datasheet(HTML) 3 Page - Samsung semiconductor

  S3C72B5 Datasheet HTML 1Page - Samsung semiconductor S3C72B5 Datasheet HTML 2Page - Samsung semiconductor S3C72B5 Datasheet HTML 3Page - Samsung semiconductor S3C72B5 Datasheet HTML 4Page - Samsung semiconductor S3C72B5 Datasheet HTML 5Page - Samsung semiconductor S3C72B5 Datasheet HTML 6Page - Samsung semiconductor S3C72B5 Datasheet HTML 7Page - Samsung semiconductor S3C72B5 Datasheet HTML 8Page - Samsung semiconductor S3C72B5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
S3C72B5/C72B7/C72B9/P72B9
PRODUCT OVERVIEW
1-3
FUNCTION OVERVIEW
SAM47 CPU
All KS57-series microcontrollers have the advanced SAM47 CPU core. The SAM47 CPU can directly address up
to 32 K bytes of program memory. The arithmetic logic unit (ALU) performs 4-bit addition, subtraction, logical,
and shift-and-rotate operations in one instruction cycle and most 8-bit arithmetic and logical operations in two
cycles.
CPU REGISTERS
Program Counter
A 15-bit program counter (PC) stores addresses for instruction fetches during program execution. Usually, the PC
is incremented by the number of bytes of the fetched instruction. The one instruction fetch that does not
increment the PC is the 1-byte REF instruction which references instructions stored in a look-up table in the
ROM. Whenever a reset operation or an interrupt occurs, bits PC13 through PC0 are set to the vector address.
Stack Pointer
An 8-bit stack pointer (SP) stores addresses for stack operations. The stack area is located in general-purpose
data memory bank 0. The SP is 8-bit read/writeable and SP bit 0 must always be logical zero.
During an interrupt or a subroutine call, the PC value and the PSW are written to the stack area. When the
service routine has completed, the values referenced by the stack pointer are restored. Then, the next instruction
is executed.
The stack pointer can access the stack despite data memory access enable flag status. Since the reset value of
the stack pointer is not defined in firmware, you use program code to initialize the stack pointer to 00H. This sets
the first register of the stack area to data memory location 0FFH.
PROGRAM MEMORY
In its standard configuration, the 16,384/24,576/32,768
× 8-bit ROM is divided into four areas:
— 16-byte area for vector addresses
— 96-byte instruction reference area
— 16-byte general-purpose area (0010–001FH)
— 16,256/24,448/32,640-byte area for general-purpose program memory
The vector address area is used mostly during reset operations and interrupts. These 16 bytes can alternately be
used as general-purpose ROM.
The REF instruction references 2 x 1-byte or 2-byte instructions stored in reference area locations 0020H–
007FH. REF can also reference three-byte instructions such as JP or CALL. So that a REF instruction can
reference these instructions, however, the JP or CALL must be shortened to a 2-byte format. To do this, JP or
CALL is written to the reference area with the format TJP or TCALL instead of the normal instruction name.
Unused locations in the REF instruction look-up area can be allocated to general-purpose use.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
S3C72C8 The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor
S3C72F5 The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21832 The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1  2  3  4  5  More Samsung semiconductor
S3C72G9 The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C2916 The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
KS57C3204 The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
S3C72I9 The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C3316 The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn