Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C72B5 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. S3C72B5
Description  The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72B5 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C72B5 Datasheet HTML 1Page - Samsung semiconductor S3C72B5 Datasheet HTML 2Page - Samsung semiconductor S3C72B5 Datasheet HTML 3Page - Samsung semiconductor S3C72B5 Datasheet HTML 4Page - Samsung semiconductor S3C72B5 Datasheet HTML 5Page - Samsung semiconductor S3C72B5 Datasheet HTML 6Page - Samsung semiconductor S3C72B5 Datasheet HTML 7Page - Samsung semiconductor S3C72B5 Datasheet HTML 8Page - Samsung semiconductor S3C72B5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PRODUCT OVERVIEW
S3C72B5/C72B7/C72B9/P72B9
1-2
FEATURES SUMMARY
Memory
3,584
× 4-bit RAM
(Excluding LCD Display
RAM)
16,384/24,576/32,768
×
8-bit ROM
51 I/O Pins
I/O: 47 pins (32 pins are
configurable as SEG pins)
Input only: 4 pins
LCD Controller/Driver
80 SEG
× 16 COM, 88 SEG
× 8 COM Terminals
Internal resistor circuit for
LCD bias
16 Level LCD contrast
control (software)
Segment expandable circuit
All dot can be switched
on/off
8-bit Basic Timer
4 interval timer functions
Watch-dog timer
8-bit Timer/Counter
Programmable 8-bit timer
External event counter
Arbitrary clock frequency
output
External clock signal divider
16-Bit Timer/Counter
Programmable 16-bit timer
External event counter
Arbitrary clock frequency
output
External clock signal divider
Configurable as two 8-bit
Timers
Serial I/O interface clock
generator
Watch Timer
Time interval generation:
0.5 s, 3.9 ms at 32,768 Hz
4 frequency outputs to BUZ
pin
Clock source generation for
LCD
8-bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
LSB-first or MSB-first
transmission selectable
Internal or external clock
source
Comparator
3 Channel mode: internal
reference (4-bit resolution)
2 Channel mode: external
reference
Interrupts
Five internal vectored
interrupts
Four external vectored
interrupts
Two quasi-interrupts
Bit Sequential Carrier
Supports 16-bit serial data
transfer in arbitrary format
Memory-Mapped I/O Structure
Data memory bank 15
Power-Down Modes
Idle mode (only CPU clock
stops)
Stop mode (main system
clock stops)
Subsystem clock stop mode
Oscillation Sources
Crystal, Ceramic or RC for
main system clock
Crystal oscillator for
subsystem clock
Main system clock
frequency: 0.4–6 MHz
Subsystem clock frequency:
32.768 kHz
CPU clock divider circuit
(by 4, 8 or 64)
Instruction Execution Times
0.67, 1.33, 10.7 µs at 6
MHz
0.95, 1.91, 15.3 µs at 4.19
MHz
122 µs at 32.768 kHz
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V
Package Type
128-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
S3C72C8 The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor
S3C72F5 The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21832 The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1  2  3  4  5  More Samsung semiconductor
S3C72G9 The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C2916 The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
KS57C3204 The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
S3C72I9 The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C3316 The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn