Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C72B5 Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. S3C72B5
Description  The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72B5 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3C72B5 Datasheet HTML 1Page - Samsung semiconductor S3C72B5 Datasheet HTML 2Page - Samsung semiconductor S3C72B5 Datasheet HTML 3Page - Samsung semiconductor S3C72B5 Datasheet HTML 4Page - Samsung semiconductor S3C72B5 Datasheet HTML 5Page - Samsung semiconductor S3C72B5 Datasheet HTML 6Page - Samsung semiconductor S3C72B5 Datasheet HTML 7Page - Samsung semiconductor S3C72B5 Datasheet HTML 8Page - Samsung semiconductor S3C72B5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
S3C72B5/C72B7/C72B9/P72B9
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
OVERVIEW
The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using
Samsung's newest 4-bit CPU core, SAM47 (Samsung Arrangeable Microcontrollers).
With an up-to-1280-dot LCD direct drive capability, segment expandable circuit, 8-bit and 16-bit timer/counter,
and serial I/O, the S3C72B5/C72B7/C72B9 offers an excellent design solution for a wide variety of applications
which require LCD functions.
Up to 51 pins of the 128-pin QFP package can be dedicated to I/O. Nine vectored interrupts provide fast
response to internal and external events. In addition, the S3C72B5/C72B7/C72B9's advanced CMOS technology
provides for low power consumption and a wide operating voltage range.
OTP
The S3C72B5/C72B7/C72B9 microcontroller is also available in OTP (One Time Programmable) version,
S3P72B9. S3P72B9 microcontroller has an on-chip 32-Kbyte one-time-programmable EPROM instead of
masked ROM. The S3P72B9 is comparable to S3C72B5/C72B7/C72B9, both in function and in pin configuration
except ROM size.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
S3C72C8 The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor
S3C72F5 The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21832 The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1  2  3  4  5  More Samsung semiconductor
S3C72G9 The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C2916 The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
KS57C3204 The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
S3C72I9 The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C3316 The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn