Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50557-7412 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50557-7412
Description  Ring Tongue Terminal for 4 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Length 33.40mm (1.315"), Clearance 13.70mm (.539")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50557-7412 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50557-7412 Datasheet HTML 1Page - Molex Electronics Ltd. 50557-7412 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 50557-7412

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50557-7012 MOLEX7-50557-7012 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 4 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/4" (M6), Oxygen-Free Copper, Length 33.40mm (1.315"), Clearance 13.70mm (.539")
50557-7112 MOLEX7-50557-7112 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 4 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 33.40mm (1.315"), Clearance 13.70mm539"), Width 16.50mm (.650")
50557-7212 MOLEX7-50557-7212 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 4 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10 Oxygen-Free Copper, Length 37.10mm (1.461")
50557-7312 MOLEX7-50557-7312 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 4 AWG, Closed Uninsulated Brazed Barrel, Stud Size 1/2" (M12), Oxygen-Free Copper, Length 41.80mm (1.646")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com