Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P70F4 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S3P70F4
Description  The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P70F4 Datasheet(HTML) 4 Page - Samsung semiconductor

  S3P70F4 Datasheet HTML 1Page - Samsung semiconductor S3P70F4 Datasheet HTML 2Page - Samsung semiconductor S3P70F4 Datasheet HTML 3Page - Samsung semiconductor S3P70F4 Datasheet HTML 4Page - Samsung semiconductor S3P70F4 Datasheet HTML 5Page - Samsung semiconductor S3P70F4 Datasheet HTML 6Page - Samsung semiconductor S3P70F4 Datasheet HTML 7Page - Samsung semiconductor S3P70F4 Datasheet HTML 8Page - Samsung semiconductor S3P70F4 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PRODUCT OVERVIEW
S3C70F2/C70F4/P70F4
1-4
DATA MEMORY
Overview
Data memory is organized into three areas:
— 32
× 4-bit working registers
— 224
× 4-bit general-purpose area in bank 0
— 256
× 4-bit general-purpose area in bank 1
— 128
× 4-bit area in bank 15 for memory-mapped I/O addresses
Data stored in data memory can be manipulated by 1-, 4-, and 8-bit instructions.
Data memory is organized into two memory banks — bank 0, bank 1 and bank 15. The select memory bank in-
struction (SMB) selects the bank to be used as working data memory. After power-on reset operation,
initialization values for data memory must be redefined by code.
Data Memory Addressing Modes
The enable memory bank (EMB) flag controls the addressing mode for data memory banks 0, 1 or 15.
When the EMB flag is logic zero, restricted area can be accessed. When the EMB flag is set to logic one, all two
data memory banks can be accessed according to the current SMB value. The EMB = "0" addressing mode is
used for normal program execution, whereas the EMB = "1" mode is commonly used for interrupts, subroutines,
mapped I/O, and repetitive access of specific RAM addresses.
Working Registers
The RAM's working register area in data memory bank 0 is further divided into four register banks. Each register
bank has eight 4-bit registers that are addressable either by 1-bit or 4-bit instructions. Paired 4-bit registers can
be addressed as double registers by 8-bit instructions.
Register A is the 4-bit accumulator and double register EA is the 8-bit extended accumulator. Double registers
WX, WL, and HL are used as data pointers for indirect addressing. Unused working registers can be used as
general-purpose memory.
To limit the possibility of data corruption due to incorrect register bank addressing, register bank 0 is usually used
for the main program and banks 1, 2, and 3 for interrupt service routines.


Similar Part No. - S3P70F4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7048 SAMSUNG-S3P7048 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
More results

Similar Description - S3P70F4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C72N2 SAMSUNG-S3C72N2 Datasheet
232Kb / 29P
   The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com