Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C7281 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. S3C7281
Description  The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7281 Datasheet(HTML) 3 Page - Samsung semiconductor

  S3C7281 Datasheet HTML 1Page - Samsung semiconductor S3C7281 Datasheet HTML 2Page - Samsung semiconductor S3C7281 Datasheet HTML 3Page - Samsung semiconductor S3C7281 Datasheet HTML 4Page - Samsung semiconductor S3C7281 Datasheet HTML 5Page - Samsung semiconductor S3C7281 Datasheet HTML 6Page - Samsung semiconductor S3C7281 Datasheet HTML 7Page - Samsung semiconductor S3C7281 Datasheet HTML 8Page - Samsung semiconductor S3C7281 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
S3C7281
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
Basic
Timer
Program
Status Word
Arithmetic
and
Logic Unit
Instruction Decoder
Internal
Interrupts
RESET
Interrupt
Control
Block
Instruction
Register
XTIN
Program
Counter
Main Clock
(Internal
RC OSC)
Stack
Pointer
P1.1/KS1
XTOUT
I/O Port 0
Output Port 2
I/O Port 1
P0.3
P0.2/BUZ
P0.1/BUZ
P0.0/CLO
P1.0/KS0
P2.4-P2.7/
SEG13-SEG10
Sub Clock
P2.0-P2.3/
SEG17-SEG14
64 x 4-Bit
Data Memory
1024-Byte
Program Memory
Watchdog
Timer
Power on
RESET
LCD
Driver/
Controller
Watch
Timer
COM0-COM1
COM2-COM3/
SEG0-SEG1
SEG2-SEG9
SEG10-SEG17/
P2.7-P2.0
* AGP Option
Figure 1-1. S3C7281 Simplified Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C72E8The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers. 1 2 3 4 5 MoreSamsung semiconductor
KS57C21408The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers. 1 2 3 4 5 MoreSamsung semiconductor
KS57C01502The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn