Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P7048 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S3P7048
Description  The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P7048 Datasheet(HTML) 4 Page - Samsung semiconductor

  S3P7048 Datasheet HTML 1Page - Samsung semiconductor S3P7048 Datasheet HTML 2Page - Samsung semiconductor S3P7048 Datasheet HTML 3Page - Samsung semiconductor S3P7048 Datasheet HTML 4Page - Samsung semiconductor S3P7048 Datasheet HTML 5Page - Samsung semiconductor S3P7048 Datasheet HTML 6Page - Samsung semiconductor S3P7048 Datasheet HTML 7Page - Samsung semiconductor S3P7048 Datasheet HTML 8Page - Samsung semiconductor S3P7048 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PRODUCT OVERVIEW
S3C7044/C7048/P7048
1-4
DATA MEMORY
Overview
The 512 x 4bit data memory has five areas:
 32 x 4-bit working register area
 224 x 4-bit general-purpose area in bank 0 which is also used as the stack area
 256 x 4-bit general-purpose area in bank 1
 128 x 4-bit area in bank 15 for memory-mapped I/O addresses
The data memory area is also organized as three memory banks
 bank0, bank1, and bank15. You use the
select memory bank instruction (SMB) to select one of the banks as working data memory.
Data stored in RAM location are 1-, 4-, and 8-bit addressable. After a hardware reset, data memory initialization
values must be defined by program code.
Data Memory addressing modes
The enable memory bank (EMB) flag controls the addressing mode for data memory banks 0, 1, or 15. When the
EMB flag is logic zero, only location 00H–7FH of bank 0 and bank 15 can be accessed. When the EMB flag is
set to logic one, all three data memory banks can be accessed based on the current SMB value.
Working registers
The RAM's working register area in data memory bank 0 is also divided into four register banks. Each register
bank has eight 4-bit registers. Paired 4-bit registers are 8-bit addressable.
Register A can be used as a 4-bit accumulator and double register EA as an 8-bit extended accumulator; double
registers WX, WL, and HL are used as address pointers for indirect addressing.
To limit the possibility of data corruption due to incorrect register addressing, it is advisable to use bank 0 for
main programs and banks 1, 2, and 3 for interrupt service routines.
Bit sequential carrier
The bit sequential carrier (BSC) mapped in data memory bank 15 is a 16-bit general register that you can
manipulate using 1-, 4-, and 8-bit RAM control instructions.
Using the BSC register, addresses and bit location can be specified sequentially using 1-bit indirect addressing
instructions. In this way, a program can generate 16-bit data output by moving the bit location sequentially,
incrementing or decrementing the value of the L register. You can also use direct addressing to manipulate data
in the BSC.


Similar Part No. - S3P7048

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P70F4 SAMSUNG-S3P70F4 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3P7048

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com