Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7238 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S3C7238
Description  The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7238 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3C7238 Datasheet HTML 2Page - Samsung semiconductor S3C7238 Datasheet HTML 3Page - Samsung semiconductor S3C7238 Datasheet HTML 4Page - Samsung semiconductor S3C7238 Datasheet HTML 5Page - Samsung semiconductor S3C7238 Datasheet HTML 6Page - Samsung semiconductor S3C7238 Datasheet HTML 7Page - Samsung semiconductor S3C7238 Datasheet HTML 8Page - Samsung semiconductor S3C7238 Datasheet HTML 9Page - Samsung semiconductor S3C7238 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
PRODUCT OVERVIEW
S3C7238/P7238/C7235/P7235
1-
6
Table 1-1. S3C7238/C7235 Pin Descriptions (Continued)
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
LCDSY
I/O
LCD synchronization clock output for LCD
display expansion
33
P3.1
Input
D
TCL0
I/O
External clock input for timer/counter 0
27
P1.3
Input
A-1
TCLO0
I/O
Timer/counter 0 clock output
28
P2.0
Input
D
SI
I
Serial interface data input
23
P0.3
Input
A-1
SO
I/O
Serial interface data output
22
P0.2
Input
D *
SCK
I/O
Serial I/O interface clock signal
21
P0.1
Input
D *
INT0
INT1
I
External interrupts. The triggering edge for
INT0 and INT1 is selectable. Only INT0 is
synchronized with the system clock.
24
25
P1.0
P1.1
Input
A-1
INT2
I
Quasi-interrupt with detection of rising edge
signals.
26
P1.2
Input
A-1
INT4
I
External interrupt input with detection of rising
or falling edge
20
P0.0
Input
A-1
KS0–KS7
I/O
Quasi-interrupt inputs with falling edge
detection.
44–51
P6.0–P7.3
Input
D *
CLO
I/O
CPU clock output
30
P2.2
Input
D
BUZ
I/O
2, 4, 8 or 16 kHz frequency output for buzzer
sound with 4.19 MHz main system clock or
32.768 kHz subsystem clock.
31
P2.3
Input
D
XIN,
XOUT
Crystal, ceramic or RC oscillator pins for main
system clock. (For external clock input, use
X
IN and input XIN‘s reverse phase to XOUT)
15,14
XTIN,
XTOUT
Crystal oscillator pins for subsystem clock.
(For external clock input, use XT
IN and input
XT
IN's reverse phase to XTOUT)
17,18
VDD
Main power supply
12
VSS
Ground
13
RESET
Reset signal
19
Input
B
TEST
Test signal input (must be connected to VSS)
16
NOTES:
1.
Pull-up resistors for all I/O ports are automatically disabled if they are configured to output mode.
2.
D * Type has a schmitt trigger circuit at input.


Similar Part No. - S3C7238

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C72B7 SAMSUNG-S3C72B7 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C72B9 SAMSUNG-S3C72B9 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C7238

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C72N2 SAMSUNG-S3C72N2 Datasheet
232Kb / 29P
   The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com