Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C70F2 Datasheet(PDF) 19 Page - Samsung semiconductor

Part # S3C70F2
Description  The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C70F2 Datasheet(HTML) 19 Page - Samsung semiconductor

Back Button S3C70F2 Datasheet HTML 15Page - Samsung semiconductor S3C70F2 Datasheet HTML 16Page - Samsung semiconductor S3C70F2 Datasheet HTML 17Page - Samsung semiconductor S3C70F2 Datasheet HTML 18Page - Samsung semiconductor S3C70F2 Datasheet HTML 19Page - Samsung semiconductor S3C70F2 Datasheet HTML 20Page - Samsung semiconductor S3C70F2 Datasheet HTML 21Page - Samsung semiconductor S3C70F2 Datasheet HTML 22Page - Samsung semiconductor S3C70F2 Datasheet HTML 23Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
S3C70F2/C70F4/P70F4
ELECTRICAL DATA
14-5
Table 14-4. Input/Output Capacitance
(T
A = 25
°C, V
DD = 0 V )
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input
Capacitance
C
IN
f = 1 MHz; Unmeasured pins
are returned to V
SS
15
pF
Output
Capacitance
C
OUT
15
pF
I/O Capacitance
C
IO
15
pF
Table 14-5. Comparator Electrical Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 4.0 V to 5.5V, VSS = 0 V)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage Range
0
V
DD
V
Reference Voltage
Range
V
REF
0
V
DD
V
Input Voltage Accuracy
V
CIN
±150
mV
Input Leakage Current
I
CIN, IREF
– 3
3
µA
Table 14-6. A.C. Electrical Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Instruction Cycle
t
CY
V
DD = 2.7 V to 5.5 V
0.67
64
µs
Time
V
DD = 1.8 V to 5.5 V
0.95
TCL0 Input
f
TI
V
DD = 2.7 V to 5.5 V
0
1.5
MHz
Frequency
V
DD = 1.8 V to 5.5 V
1
MHz
TCL0 Input High,
t
TIH, tTIL
V
DD = 2.7 V to 5.5 V
0.48
µs
Low Width
V
DD = 1.8 V to 5.5 V
1.8
SCK Cycle Time
t
KCY
V
DD = 2.7 V to 5.5 V
External
SCK source
800
ns
Internal
SCK source
670
V
DD = 1.8 V to 5.5 V
External
SCK source
3200
Internal
SCK source
3800


Similar Part No. - S3C70F2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7032 SAMSUNG-S3C7032 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C7048 SAMSUNG-S3C7048 Datasheet
249Kb / 38P
   The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
More results

Similar Description - S3C70F2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C72N2 SAMSUNG-S3C72N2 Datasheet
232Kb / 29P
   The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com