Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C4510B Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. S3C4510B
Description  Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
Download  422 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S3C4510B Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 422 page
background image
S3C4510B
PRODUCT OVERVIEW
1-3
DMA Controller
2-channel General DMA for memory-to-
memory, memory-to-UART, UART-to-memory
data transfers without CPU intervention
Initiated by a software or external DMA request
Increments or decrements a source or
destination address in 8-bit, 16-bit or 32-bit data
transfers
4-data burst mode
UARTs
Two UART (serial I/O) blocks with DMA-based
or interrupt-based operation
Support for 5-bit, 6-bit, 7-bit, or 8-bit serial data
transmit and receive
Programmable baud rates
1 or 2 stop bits
Odd or even parity
Break generation and detection
Parity, overrun, and framing error detection
×16 clock mode
Infra-red (IR) Tx/Rx support (IrDA)
Timers
Two programmable 32-bit timers
Interval mode or toggle mode operation
Programmable I/O
18 programmable I/O ports
Pins individually configurable to input, output, or
I/O mode for dedicated signals
Interrupt Controller
21 interrupt sources, including 4 external
interrupt sources
Normal or fast interrupt mode (IRQ, FIQ)
Prioritized interrupt handling
PLL
The external clock can be multiplied by on-chip
PLL to provide high frequency system clock
The input frequency range is 10–40 MHz
The output frequency is 5 times of input clock.
To get 50 MHz, input clock frequency should be
10 MHz.
Operating Voltage Range
3.3 V
± 5 %
Operating Temperature Range
0 °C to + 70 °C
Operating Frequency
Up to 50 MHz
Package Type
208-Pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C380DSamsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications. 1 2 3 4 5 MoreSamsung semiconductor
S3C2510A16/32-bit RISC micro-controller is a cost-effective high-performance micro-controller solution for Ethernet-based systems for example 1 2 3 4 5 MoreSamsung semiconductor
S3C7515The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C7044The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Ar 1 2 3 4 5 MoreSamsung semiconductor
S3C4530A16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller 1 2 3 4 5 MoreSamsung semiconductor
S3C70F2The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrange 1 2 3 4 5 MoreSamsung semiconductor
KS57C5404The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable Micro 1 2 3 4 5 MoreSamsung semiconductor
KS57C5532The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arran 1 2 3 4 5 MoreSamsung semiconductor
KS57C01502The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1 2 3 4 5 MoreSamsung semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn