Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C4510B Datasheet(PDF) 17 Page - Samsung semiconductor

Part # S3C4510B
Description  Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
Download  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C4510B Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button S3C4510B Datasheet HTML 13Page - Samsung semiconductor S3C4510B Datasheet HTML 14Page - Samsung semiconductor S3C4510B Datasheet HTML 15Page - Samsung semiconductor S3C4510B Datasheet HTML 16Page - Samsung semiconductor S3C4510B Datasheet HTML 17Page - Samsung semiconductor S3C4510B Datasheet HTML 18Page - Samsung semiconductor S3C4510B Datasheet HTML 19Page - Samsung semiconductor S3C4510B Datasheet HTML 20Page - Samsung semiconductor S3C4510B Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 422 page
background image
S3C4510B
PRODUCT OVERVIEW
1-17
CPU CORE OVERVIEW
The S3C4510B CPU core is a general purpose 32-bit ARM7TDMI microprocessor, developed by Advanced RISC
Machines, Ltd. (ARM). The core architecture is based on Reduced Instruction Set Computer (RISC) principles.
The RISC architecture makes the instruction set and its related decoding mechanism simpler and more efficient
than those with microprogrammed Complex Instruction Set Computer (CISC) systems. High instruction
throughput and impressive real-time interrupt response are among the major beneifts of the architecture.
Pipelining is also employed so that all components of the processing and memory systems can operate
continuously. The ARM7TDMI has a 32-bit address bus.
An important feature of the ARM7TDMI processor that makes itself distinct from the ARM7 processor is a unique
architectural strategy called THUMB. The THUMB strategy is an extension of the basic ARM architecture
consisting of 36 instruction formats. These formats are based on the standard 32-bit ARM instruction set, while
having been re-coded using 16-bit wide opcodes.
As THUMB instructions are one-half the bit width of normal ARM instructions, they produce very high-density
codes. When a THUMB instruction is executed, its 16-bit opcode is decoded by the processor into its equivalent
instruction in the standard ARM instruction set. The ARM core then processes the 16-bit instruction as it would a
normal 32-bit instruction. In other words, the THUMB architecture gives 16-bit systems a way to access the 32-bit
performance of the ARM core without requiring the full overhead of 32-bit processing.
As the ARM7TDMI core can execute both standard 32-bit ARM instructions and 16-bit THUMB instructions, it
allows you to mix the routines of THUMB instructions and ARM code in the same address space. In this way, you
can adjust code size and performance, routine by routine, to find the best programming solution for a specific
application.
Address
Register
Address
Incrementer
Register Bank
Multiplier
Barrel
Shifter
32-Bit ALU
Write Data
Register
Instruction
Decoder and
Logic Controll
Instruction
Pipeline and Read
Data Register
Figure 1-4. ARM7TDMI Core Block Diagram


Similar Part No. - S3C4510B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
More results

Similar Description - S3C4510B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
S3C2510A SAMSUNG-S3C2510A Datasheet
412Kb / 46P
   16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Maxim Integrated Produc...
MAXQ7665A MAXIM-MAXQ7665A Datasheet
480Kb / 47P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Rev 1; 10/08
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com