Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C4510B Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. S3C4510B
Description  Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
Download  422 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S3C4510B Datasheet(HTML) 4 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 422 page
background image
PRODUCT OVERVIEW
S3C4510B
1-4
ARM7TDMI
32-bit RISE CPU
CPU Interface
8-Kbyte
Unified
Cache
4-Word
Write
Buffer
Bus Rounter
I2C
18 General I/O ports
Interruput Controller
UART 0,1
32-bit Timer 0,1
GDMA 0,1
PLL
Memory
Controller
with
Refresh
Control
System
Bus
Arbiter
2-Channel HDLCs
with DMAs
2-channel BDMA
Ethernet Controller
BDMA RAMs
Tx Buffer (256 bytes)
Rx Buffer (256 bytes)
CAM (128 bytes)
MAC
Tx FIFO (80 bytes)
Rx FIFO (16 bytes)
TAP Controller for JTAG
MII or
7-wire
Remote
port A,B
External
Bus
Master
4-bank
External
I/O
Device
4-bank
DRAM
6-bank
ROM
SRAM
FLASH
Console
SCL
SDA
18 I/O Ports including
4: Ext INT req.
2: Timer out (0,1)
2: Ext DMA REQ.
2: Ext DMA ACK
ICE-
Breaker
32-Bit
Sytem
Bus
Xtal OSC
Ext Bus
REQ/ACK
Figure 1-1. S3C4510B Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C380DSamsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications. 1 2 3 4 5 MoreSamsung semiconductor
S3C2510A16/32-bit RISC micro-controller is a cost-effective high-performance micro-controller solution for Ethernet-based systems for example 1 2 3 4 5 MoreSamsung semiconductor
S3C7515The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C7044The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Ar 1 2 3 4 5 MoreSamsung semiconductor
S3C4530A16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller 1 2 3 4 5 MoreSamsung semiconductor
S3C70F2The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrange 1 2 3 4 5 MoreSamsung semiconductor
KS57C5404The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable Micro 1 2 3 4 5 MoreSamsung semiconductor
KS57C5532The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arran 1 2 3 4 5 MoreSamsung semiconductor
KS57C01502The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1 2 3 4 5 MoreSamsung semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn