Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55450-0569 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 55450-0569
Description  1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, SMT, Single Row, Vertical,5 Circuits, without Plastic Peg, Lead-free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

55450-0569 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  55450-0569 Datasheet HTML 1Page - Molex Electronics Ltd. 55450-0569 Datasheet HTML 2Page - Molex Electronics Ltd. 55450-0569 Datasheet HTML 3Page - Molex Electronics Ltd. 55450-0569 Datasheet HTML 4Page - Molex Electronics Ltd. 55450-0569 Datasheet HTML 5Page - Molex Electronics Ltd. 55450-0569 Datasheet HTML 6Page - Molex Electronics Ltd. 55450-0569 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0554500569
Status:
Active
Description:
1.25mm (.049") Pitch Mi ll™ System Wire-to-Board Header, SMT, Single Row, Vertical,
5 Circuits, without Plastic Peg, Lead-free
Documents:
3D Model
Product Specification PS-54596-022 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55450
Application
Wire-to-Board
MolexKits
Yes
Product Name
Mini Mi II™
Physical
Breakaway
No
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.331 In
Mated Height (mm)
8.40 mm
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to Mating Part
Yes
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-55450-001
Product Specification
PS-54596-022, RPS-54596-025, RPS-54596-026
Sales Drawing
SD-55450-010, SD-55450-011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55450Series
Mates With
54596 IDT Receptacle Housing


Similar Part No. - 55450-0569

ManufacturerPart #DatasheetDescription
logo
MolexKits
55450-0569 MOLEXKITS-55450-0569 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com