Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C380D Datasheet(PDF) 24 Page - Samsung semiconductor

Part No. S3C380D
Description  Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S3C380D Datasheet(HTML) 24 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
S3F380D MTP
S3C380D/F380D
19-2
Table 19-1. Descriptions of Pins Used to Read/Write the Flash ROM (S3F380D)
Main Chip
During Programming
Pin Name
Pin Name
Pin No.
I/O
Function
P1.0 (Pin 4)
SDAT
4
I/O
Serial data pin (output when reading, Input when
writing) Input and push-pull output port can be
assigned
P0.2 (Pin 3)
SCLK
3
I/O
Serial clock pin (Input only pin)
IRIN
VPP
36
I
0-5 V: operating mode
12.5 V: MTP mode
RESET
RESET
33
I
5 V: operating mode, 0 V: MTP mode
VDD/VSS
VDD/VSS
12/34, 13/30/37
I
Logic power supply pin.
Table 19-2. Comparison of S3F380D and S3C380D Features
Characteristic
S3F380D
S3C380D
Program Memory
128-Kbyte Flash ROM
128-Kbyte mask ROM
Operating Voltage (VDD)
4.5 V to 5.5 V
4.5 V to 5.5 V
MTP Programming Mode
VDD = 5 V, VPP = 12.5 V
Pin Configuration
42 SDIP
42 SDIP
Flash ROM programmability
User program under 100 time
Programmed at the factory


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C4510BSamsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller solution for Ethernet-based systems. 1 2 3 4 5 MoreSamsung semiconductor
S3C4530A16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller 1 2 3 4 5 MoreSamsung semiconductor
S3C2510A16/32-bit RISC micro-controller is a cost-effective high-performance micro-controller solution for Ethernet-based systems for example 1 2 3 4 5 MoreSamsung semiconductor
MRF5S19130HR3Suitable for TDMA CDMA and multicarrier amplifier applications. 1 2 3 4 5 MoreFreescale Semiconductor, Inc
KS57C5204The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon 1 2 3 4 5 MoreSamsung semiconductor
MRF5S21090HR3To be Used in class AB for PCN-PCS/cellularradio and WLL applications. 1 2 3 4 5 MoreFreescale Semiconductor, Inc
KS57C5404The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable Micro 1 2 3 4 5 MoreSamsung semiconductor
UPD170684-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS 1 2 3 4 5 MoreNEC
BCM7038DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV 1 Broadcom Corporation.
MAX8632Integrated DDR Power-Supply Solution for Desktops Notebooks and Graphic Cards 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn