Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S3C380D Datasheet(PDF) 17 Page - Samsung semiconductor

Part No. S3C380D
Description  Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S3C380D Datasheet(HTML) 17 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ELECTRICAL DATA
S3C380D/F380D
17-2
Table 17-2. D.C. Electrical Characteristics
(TA = – 20°C to + 85°C, VDD = 4.5 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input high
V
IH1
All input pins except V
lH2
0.8 V
DD
V
DD
V
voltage
V
IH2
RESET
0.85 V
DD
Input low voltage
V
IL1
All input pins except V
IL2
0.2 V
DD
V
V
IL2
RESET
0.15 V
DD
Output high
voltage
V
OH1
V
blank, P2.4, P2.5
I
OH = – 1 mA
V
DD– 1.0
V
V
OH2
All ports except V
OH1
I
OH = – 500 uA
V
DD– 0.5
Output low
voltage
V
OL1
P2.4, P2.5
I
OL = 15 mA
1.0
V
V
OL2
All ports except V
OL1, VOL3
I
OL = 2 mA
0.4
V
OL3
V
blank
I
OL = 1 mA
0.4
Input high leakage
current
I
LIH1
V
IN = VDD
All input pins except I
LIH2
1
uA
I
LIH2
V
IN = VDD
X
IN, XOUT
3
20
Input low leakage
current
I
LIL1
V
IN = 0 V
All input pins except I
LIL2
– 1
uA
I
LIL2
V
IN = 0 V
X
IN, XOUT
– 3
–- 20
Output high
leakage current
I
LOH1
V
OUT = VDD
All output pins except I
LOH2
1
uA
I
LOH2
V
OUT = 6 V
P0.1-P0.3, P1.4-P1.7
(N-channel, open-drain)
10
Output low
leakage current
I
LOL
V
OUT = 0 V
All output pins
– 1
uA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C4510BSamsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller solution for Ethernet-based systems. 1 2 3 4 5 MoreSamsung semiconductor
S3C4530A16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller 1 2 3 4 5 MoreSamsung semiconductor
S3C2510A16/32-bit RISC micro-controller is a cost-effective high-performance micro-controller solution for Ethernet-based systems for example 1 2 3 4 5 MoreSamsung semiconductor
MRF5S19130HR3Suitable for TDMA CDMA and multicarrier amplifier applications. 1 2 3 4 5 MoreFreescale Semiconductor, Inc
KS57C5204The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon 1 2 3 4 5 MoreSamsung semiconductor
MRF5S21090HR3To be Used in class AB for PCN-PCS/cellularradio and WLL applications. 1 2 3 4 5 MoreFreescale Semiconductor, Inc
KS57C5404The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable Micro 1 2 3 4 5 MoreSamsung semiconductor
UPD170684-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS 1 2 3 4 5 MoreNEC
BCM7038DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV 1 Broadcom Corporation.
MAX8632Integrated DDR Power-Supply Solution for Desktops Notebooks and Graphic Cards 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn