Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1T8528X01-Q0R0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S1T8528X01-Q0R0
Description  ENHANCED-1 CHIP CT0 RF IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8528X01-Q0R0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S1T8528X01-Q0R0 Datasheet HTML 6Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 7Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 8Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 9Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 10Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 11Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 12Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 13Page - Samsung semiconductor S1T8528X01-Q0R0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
S1T8528
ENHANCED-1 CHIP CT0 RF IC
10
Expander Gain Difference
∆G
V1(EXP)
VinE = −10dB
−1.0
0
1.0
dB
∆G
V2(EXP)
VinE = − 20dB
−1.5
0
1.5
dB
∆G
V3(EXP)
VinE =− 30dB
−2.0
0
2.0
dB
Expander Output Distortion
THDEXP
VinE = 63.2mVrms → 0dB
0.5
1.0
%
Mute Attenuation Ratio
ATTMUTE
VinE = 63.2mVrms → 0dB
60
80
dB
Expander Maximum Output
Voltage
VOEXP(MAX)
VinE = Variable
THD = 10%
800
mVrms
Maximum Output Voltage
VOSPK(MAX)
RL = 150Ω
2.2
Vp-p
RL = 600
3.0
-
Vp-p
Input Current
IIH
Vin = Vcc
5
µA
IIL
Vin = 0V
−5
µA
Input Voltage
VIH
Vcc-0.3
V
VIL
0.3
V
Output Current
IOH
Vout = Vcc
0.3
mA
IOL
Vout = 0V
0.3
mA
Output Voltage
VOH1
PDT,PDR: Io = -0.3mA
( Sourcing )
Vcc-0.4
V
VOL1
PDT,PDR: Io = 0.3mA
( Sinking )
0.4
V
VOH2
LD,fMCU: Io = − 0.1mA
( Sourcing )
Vcc-0.5
V
VOL2
LD,fMCU: Io = 0.1mA
( Sinking )
0.5
V
PLL regulator voltage
VPLLREG
1.90
2.05
2.20
V
Regulator Load Current
IREG
Vout = VREG(OPEN)-0.05V
3.0
mA
ELECTRICAL CHARACTERISTICS (Continued)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - S1T8528X01-Q0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C01-Q0R0 SAMSUNG-S1T8527C01-Q0R0 Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
More results

Similar Description - S1T8528X01-Q0R0

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25300M_0711 SANYO-LV25300M_0711 Datasheet
69Kb / 4P
   1-chip Tuner IC
LV25300M SANYO-LV25300M_10 Datasheet
69Kb / 4P
   1-chip Tuner IC
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
   1-chip Tuner IC
May, 2013
logo
Sanyo Semicon Device
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
logo
Samsung semiconductor
KB8527B SAMSUNG-KB8527B Datasheet
150Kb / 21P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
   Enhanced Power Supply IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
California Eastern Labs
UPG2253T6S CEL-UPG2253T6S Datasheet
557Kb / 11P
   RF FRONT-END IC FOR BluetoothTM CLASS 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com