Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1T8528 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1T8528
Description  ENHANCED-1 CHIP CT0 RF IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8528 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1T8528 Datasheet HTML 2Page - Samsung semiconductor S1T8528 Datasheet HTML 3Page - Samsung semiconductor S1T8528 Datasheet HTML 4Page - Samsung semiconductor S1T8528 Datasheet HTML 5Page - Samsung semiconductor S1T8528 Datasheet HTML 6Page - Samsung semiconductor S1T8528 Datasheet HTML 7Page - Samsung semiconductor S1T8528 Datasheet HTML 8Page - Samsung semiconductor S1T8528 Datasheet HTML 9Page - Samsung semiconductor S1T8528 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
S1T8528
ENHANCED-1 CHIP CT0 RF IC
6
34
2MI
Input terminal of mixer 2. Output from mixer 1 is entered to mixer 2 input terminal via
10.7MHz ceramic filter. Second mixer converts frequency to second intermediate
frequency ( 455kHz: AM IF ).
35
2MO
Output terminal of Mixer 2. Second intermediate frequency ( 455kHz ), generated by
mixing first intermediate frequency ( 10.7MHz ) and Second Local Oscillator is output.
36
37
2LOI
2LOI
Input terminal of second local oscillator. These pins generate 2’nd local oscillation
frequency and are designed as colpitt type oscillator.
10.24MHz or 10.245MHz can be applied as for 2’nd local oscillator.
38
1MO
Output terminal of mixer 1.
The signal from mixer 1 and the frequency of the first local oscillator are mixed to
produce the first intermediate frequency, which is the output through this terminal. The
output terminal is an emitter follower with an output impedance of 330
Ω to match the
330
Ω input / output impedance of the 10.7MHz ceramic filter.
39
40
1LOI
1LOI
Input terminal of the first local oscillator.
The local oscillator is a voltage controlled oscillator. Local oscillation frequency and
received frequency are mixed at mixer 1 and then converted to the first intermediate
frequency of 10.7MHz or 10.695MHz.
41
VCORX
The terminal which variable capacitor is included in the chip. Used as an input terminal
where 1st local oscillation frequency is changed by varying the capacitor connected
between 1st local oscillator terminals.
The internal variable capacitor has the value of 18.73 ~ 15.86 pF depending on the
applied voltage. ( 1.0 ~ 2.0V )
42
43
1MI
1MI
Input terminal of Mixer1. This mixer is made of doubly balanced multiplier.
The received signal amplified at RF AMP is input to this terminal.
44
GND(PLL)
Ground.
Ground for analog at PLL.
45
PDR
Phase detector output terminal of the receiver at PLL.
If fRX > fREF or fRX is Leading → The output is negative pulse
If fRX < fREF or fRX is Lagging → The output is positive pulse
If fRX = fREF and the same phase → The output is high impedance
46
VREF(RF)
An internal PMOS pass transistor provides power supplier for the RF pre amplifier.
PMOS pass transistor is on in Active/Rx mode and off in Standby/Inactive mode.
47
VREF(PLL)
PLL voltage reference output pin.
An internal voltage regulator provides a stable power supply voltage for the RX and TX
PLLs. (2.05V)
48
TIF
Input terminal of TX channel counter.
AC coupling with TX VCO.
Minimum input level is 300 mVp-p ( at 60MHz ).
PIN DESCRIPTION (Continued)
Pin No
Symbol
Description


Similar Part No. - S1T8528

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C01-Q0R0 SAMSUNG-S1T8527C01-Q0R0 Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
More results

Similar Description - S1T8528

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25300M_0711 SANYO-LV25300M_0711 Datasheet
69Kb / 4P
   1-chip Tuner IC
LV25300M SANYO-LV25300M_10 Datasheet
69Kb / 4P
   1-chip Tuner IC
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
   1-chip Tuner IC
May, 2013
logo
Sanyo Semicon Device
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
logo
Samsung semiconductor
KB8527B SAMSUNG-KB8527B Datasheet
150Kb / 21P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
   Enhanced Power Supply IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
California Eastern Labs
UPG2253T6S CEL-UPG2253T6S Datasheet
557Kb / 11P
   RF FRONT-END IC FOR BluetoothTM CLASS 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com