Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1T2425A Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1T2425A
Description  SPEECH NETWORK WITH DIALER INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T2425A Datasheet(HTML) 3 Page - Samsung semiconductor

  S1T2425A Datasheet HTML 1Page - Samsung semiconductor S1T2425A Datasheet HTML 2Page - Samsung semiconductor S1T2425A Datasheet HTML 3Page - Samsung semiconductor S1T2425A Datasheet HTML 4Page - Samsung semiconductor S1T2425A Datasheet HTML 5Page - Samsung semiconductor S1T2425A Datasheet HTML 6Page - Samsung semiconductor S1T2425A Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A
3
Tip-Ring Voltage
(including polarity guard bridge
drop of 1.4V)
(Speech Mode)
VTR
IL = 5.0mA
IL = 10mA
IL = 20mA
IL = 40mA
IL = 60mA
2.4
3.9
4.6
5.6
6.6
VDC
AC impedance
Speech mode (incl. C6,see fig.
4)
Zac = (600)V +/ (VS - V+)
Tone Mode (including C6)
Zac
IL = 20mA
IL = 60mA
20mA < IL , 60mA
750
300
1650
W
SYSTEM AMPLIFIERS
TX Gain
TXO Bias Voltage
TXO Bias Voltage
TXO Bias Voltage
TXO Bias Voltage
TXI input Resistance
GV (TX)
VBIAS (SPM)
VBIAS (TM)
VOL (SPM)
VOL (SPM)
RI (TXI)
TXI to TXO
Speech/Pulse Mode
Tone Mode
Speech/Pulse Mode
Speech/Pulse Mode
24
0.45
VR −25
VR −25
26
0.52
VR −5.0
VR −5.0
125
10
28
0.60
250
dB
xVR
mV
mV
mV
k
RX
RXO Bias voltage
RXO Source current
RXO Source current
RXO High Voltage
RXO Low Voltage
VBIAS (AM)
ISOURCE (SM)
ISOURCE (PTM)
VOH (AM)
VOL (AM)
All Mode
Speech Mode
Pulse/tone Mode
All Mode
All Mode
0.45
1.5
200
VR −100
0.52
2.0
400
VR −50
50
0.60
150
xVR
mA
µA
mV
mV
SIDETONE AMPLIFIER
Gain (TXO to STA)
Speech Mode
Speech Mode
Pulse Mode
Pulse Mode
Gv(STA)
@VLR = 0.5V
@VLR = 2.5V
@VLR = 0.2V
@VLR = 1.0V
−15
−21
−15
−21
dB
STA Bias Voltage
VBIAS (STA)
All Modes
0.65
0.8
0.9
xVR
MICROPHONE, RECEIVER CONTROLS
MIC Saturation Voltage
VSAT (MIC)
Speech Mode,1 = 500
µA
50
125
mV
MIC Leakage Current
ILKG (MIC)
Dialing Mode,Pin 1=3.0V
0
5.0
µA
MAT Resistance
RRMT (SM)
RRMT (DM)
Speech Mode
Dialing Mode
5.0
8.0
10
15
18
k
RMT Delay
tD (RMT)
Dialing to Speech
2.0
4.0
20
ms
EQUALIZATION AMPLIFIER
GAIN (V + to EQ)
Speech Mode
Speech Mode
Pulse Mode
Pulse Mode
GV (EQ)
@ VLR = 0.5V
@ VLR = 2.5V
@ VLR = 0.2V
@ VLR = 1.0V
−12
−2.5
−12
−2.5
dB
ELECTRICAL CHARACTERISTICS (Ta = 25°C) (Continued)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - S1T2425A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T2410B01 SAMSUNG-S1T2410B01 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2410B01-D0B0 SAMSUNG-S1T2410B01-D0B0 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2410B02 SAMSUNG-S1T2410B02 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2410B02-D0B0 SAMSUNG-S1T2410B02-D0B0 Datasheet
197Kb / 8P
   bipolar integrated circuit designed as a telephone bell replacement
S1T2418D02-D0B0 SAMSUNG-S1T2418D02-D0B0 Datasheet
38Kb / 4P
   TONE RINGER WITH DRIDGE DIODE
More results

Similar Description - S1T2425A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com