Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2511B01-A0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S1D2511B01-A0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2511B01-A0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S1D2511B01-A0 Datasheet HTML 3Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 4Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 5Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 6Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 7Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 8Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 9Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 10Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01
7
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
SYNC PROCESSOR
OPERATING CODNITIONS
No
Item
Symbol
Value
Unit
1
Supply voltage (pin 29)
VCC
13.5
V
2
Supply voltage (pin 32)
VDD
5.7
V
3
Maximum voltage on Pin 4
Pin 9
Pin 5
Pins 6,7,8,14,15,16,20,22
Pins 10,18,23,24,25,26,28
Pins 1,2,3,30,31
VIN
4.0
5.5
6.4
8.0
VCC
VDD
V
V
V
4
ESD susceptibillty
Human body model, 100pF discharge through
1.5K
EIAJ norm, 200pF discharge through 0
VESD
2
300
kV
V
5
Storage temperature
Tstg
- 40, +150
°C
6
Operating temperature
Topr
0, +70
°C
No
Item
Symbol
Value
Unit
1
Junction temperature
Tj
+150
°C
2
Junction-ambient thermal resistance
θja
65
°C/W
Table 3. Sync Processor Operating Codnitions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Horizontal sync input voltage
HsVR
Pin 1
0
5
V
Minimum horizontal input pulse duration
MinD
Pin 1
0.7
µs
Maximum horizontal input signal duty cycle
Mduty
Pin 1
25
%
Vertical sync input voltage
VsVR
Pin 2
0
5
V
Minimum vertical sync pulse width
VSW
Pin 2
5
µs
Maximum vertical sync input duty cycle
VSmD
Pin 2
15
%
Maximum vertical sync width on TTL H/V composite
VextM
Pin 1
750
µs
Sink and source current
IHLOCKOUT
Pin 3
250
µA


Similar Part No. - S1D2511B01-A0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01-A0B0 SAMSUNG-S1D2512X01-A0B0 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2511B01-A0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com