Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52044-0545 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52044-0545
Description  1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 5 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52044-0545 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52044-0545 Datasheet HTML 1Page - Molex Electronics Ltd. 52044-0545 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0520440545
Status:
Active
Overview:
Description:
1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 5 Circuits
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52044
Overview
ffc_fpc_throughhole
Product Name
N/A
Physical
Circuits (Loaded)
5
Contact Position
Top
Entry Angle
90° Angle
Flammability
94V-0
Mated Height (in)
0.201 In
Mated Height (mm)
5.10 mm
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A, 1A
Voltage - Maximum
200V
Material Info
Reference - Drawing Numbers
Packaging Specification
RPK-52044, SPK-52044
Product Specification
PS-52044-002, RPS-52044-003, RPS-52044-005,
RPS-52044-006, RPS-52044-007, RPS-52044-008
Sales Drawing
SD-52044-**45
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52044Series
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 52044-0545

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52044-0345 MOLEX7-52044-0345 Datasheet
137Kb / 2P
   1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 3 Circuits
52044-0445 MOLEX7-52044-0445 Datasheet
137Kb / 2P
   1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 4 Circuits
52044-0645 MOLEX7-52044-0645 Datasheet
137Kb / 2P
   1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 6 Circuits
52044-0745 MOLEX7-52044-0745 Datasheet
137Kb / 2P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Plug Cover A, Polarizing Key 2.10mm (.083") From the Center
52044-0845 MOLEX7-52044-0845 Datasheet
137Kb / 2P
   1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com